Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC101L-DS06-R Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # AC101L-DS06-R
Description  Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC101L-DS06-R Datasheet(HTML) 1 Page - Broadcom Corporation.

  AC101L-DS06-R Datasheet HTML 1Page - Broadcom Corporation. AC101L-DS06-R Datasheet HTML 2Page - Broadcom Corporation. AC101L-DS06-R Datasheet HTML 3Page - Broadcom Corporation. AC101L-DS06-R Datasheet HTML 4Page - Broadcom Corporation. AC101L-DS06-R Datasheet HTML 5Page - Broadcom Corporation. AC101L-DS06-R Datasheet HTML 6Page - Broadcom Corporation. AC101L-DS06-R Datasheet HTML 7Page - Broadcom Corporation. AC101L-DS06-R Datasheet HTML 8Page - Broadcom Corporation. AC101L-DS06-R Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
AC101L-DS06-405-R
16215 Alton Parkway • P.O. Box 57013 • Irvine, California 92619-7013 • Phone: 949-450-8700 • Fax: 949-450-8710
8/9/04
Preliminary Data Sheet
AC101L
Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
Figure 1: Functional Block Diagram
G EN ER AL DE SC RI PTI O N
F EA TU RE S
The AC101L is a single-channel, low-power,
1 0 /10 0 BASE-TX/FX tra n s c ei v e r. T he AC10 1L
transceiver has an integrated voltage regulator to allow
operation from a single 3.3V or 2.5V supply source. The
device contains a full-duplex 10BASE-T/100BASE-TX/
100BASE-FX Fast Ethernet transceiver, which performs
all of the physical layer interface functions.
The AC101L is a highly integrated solution combining an
encoder/decoder , link mo nitor, auto-n egotiation
selection, parallel detection, adaptive equalization, clock/
data recovery, baseline wander correction, multimode
transmitter, scrambler/descrambler, far-end fault (FEF),
and auto-MDI/MDIX circuitry.
•
3.3V tolerant and 2.5V capable
•
Integrated voltage regulator to allow operation from a
single 3.3V or 2.5V supply source
•
10/100 TX/FX
•
Full-duplex or half-duplex
•
FEFI on 100FX
•
48-pin TQFP
•
Industrial temperature (–40
°C to +85°C)
•
0.25
µm CMOS
•
Fully compliant with IEEE 802.3/802.3u
•
MII interface
•
Baseline wander correction
•
Multifunction LED outputs
•
Cable length indicator
•
HP auto-MDI/MDIX
•
Eight programmable interrupts
•
Diagnostic registers
PHYAD[4:0]
RXN/RXP
TXN/TXP
100RX
MII Data
Interface
25 MHz
100TX
10TX
10RX
MII Serial
Interface
FLP
RX
Control Status
PCS
Framer
Carrier
4B/5B
PMA
Clock Recov.
Link Monitor
Signal Detect
TP_PMD
MLT3
BLW
Stream
Cipher
MUX
Auto-Negotiation
PLL CLK Gen.
Test/LED Control
MII Serial Management
Interface and Register
MAC
10BASE-T
XTLI/CLKIN LED Drivers


Similar Part No. - AC101L-DS06-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC101L-PB01-R ETC-AC101L-PB01-R Datasheet
102Kb / 2P
10 / 100 BASE-TX SINGLE-PHY TRANSCEIVER
More results

Similar Description - AC101L-DS06-R

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9215 SMSC-LAN9215 Datasheet
1Mb / 134P
Highly Efficient 10/100 Ethernet Controller with HP Auto-MDIX
LAN8720 SMSC-LAN8720 Datasheet
1Mb / 79P
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
LAN8720A SMSC-LAN8720A Datasheet
1Mb / 79P
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
logo
Microchip Technology
LAN8810I-AKZE MICROCHIP-LAN8810I-AKZE Datasheet
1Mb / 100P
GMII 10/100/1000 Ethernet Transceiver with HP Auto-MDIX Support
LAN8720AI-CP MICROCHIP-LAN8720AI-CP Datasheet
1Mb / 29P
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Revision 1.4 08-23-12
LAN8710A MICROCHIP-LAN8710A Datasheet
1Mb / 82P
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
LAN8742A MICROCHIP-LAN8742A Datasheet
1Mb / 124P
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
logo
Realtek Semiconductor C...
RTL8201DL-GR REALTEK-RTL8201DL-GR Datasheet
580Kb / 42P
SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201DL-GR REALTEK-RTL8201DL-GR_07 Datasheet
616Kb / 41P
SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR Datasheet
620Kb / 40P
SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com