Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC101L-DS06-R Datasheet(PDF) 17 Page - Broadcom Corporation.

Part # AC101L-DS06-R
Description  Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC101L-DS06-R Datasheet(HTML) 17 Page - Broadcom Corporation.

Back Button AC101L-DS06-R Datasheet HTML 13Page - Broadcom Corporation. AC101L-DS06-R Datasheet HTML 14Page - Broadcom Corporation. AC101L-DS06-R Datasheet HTML 15Page - Broadcom Corporation. AC101L-DS06-R Datasheet HTML 16Page - Broadcom Corporation. AC101L-DS06-R Datasheet HTML 17Page - Broadcom Corporation. AC101L-DS06-R Datasheet HTML 18Page - Broadcom Corporation. AC101L-DS06-R Datasheet HTML 19Page - Broadcom Corporation. AC101L-DS06-R Datasheet HTML 20Page - Broadcom Corporation. AC101L-DS06-R Datasheet HTML 21Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
Preliminary Data Sheet
AC101L
8/9/04
B roa dcom Co rpo rat ion
Document
AC101L-DS06-R
Pin Descriptions
Page 7
Section 2: Pin Des c r i ptions
Many pins perform multiple functions. These pins are designated by a bold pin number, and their descriptions are listed in
the proper sections. Designers must verify that they have taken into account all modes of operation prior to final design.
Signal types:
•
B
= Bidirection pin
•
P= Power pin
•
G = Ground pin
•
AI = Analog Input pin
•
AO = Analog output pin
•
D = Internal pull-down pin
•
U = Internal pull-up pin
•
Overline = Active low
All digital pins are bidirectional pins.
Table 2: Pinout and Signal Definitions
Pin
Number
Pin Name Type Description
1
VCC
P
+2.5V power supply.
2
GND
G
Ground.
2
GND
G
Ground.
3RXDV
BD
RXDV (active HIGH output): Receive Data Valid is the output signal in the MII mode. RXDV is active HIGH to indicate that
the receive frame is in progress, and that the data stream present on the RXD output pins is valid.
4RX_CLK
BD
Input function is reserved. This pin must be pulled low externally.
RX_CLK (Output): Receive clock in MII mode. RX_CLK is 25-MHz output in 100BASE and 2.5 MHz output in 10BASE. This
clock is recovered from the incoming data on the cable inputs.
5RXER
BD
Input function is reserved. This pin must be pulled low externally.
RXER (active HIGH output): asserted to indicate that an invalid symbol or bad SSD is detected in MII modes.
6
GND
G
Ground.
7
VCC
P
+2.5V power supply.
8
TXER
BD
TXER (active HIGH input): Transmits an error in the MII interface. When TXER is asserted for one or more TX_CLK periods
while TXEN is also asserted, the PHY emits one or more symbols that are not part of the valid data or delimiter set
somewhere in the frame being transmitted. The relative position of the error within the frame need not be preserved.
9TX_CLK
BD
TX_CLK (output): Transmits the clock signal of the MII mode. TX_CLK is
25-MHz output in 100BASE operation and 2.5-MHz in 10BASE operation. This clock is a continuously-driven output,
generated from the XI (crystal input) pin.
10
TXEN
BD
TXEN (active HIGH input): Transmits the Enable signal in the MII interfaces. TXEN is asserted by the MAC to indicate that
valid data are present on TXD[3:0].
11
TXD0
BD
TXD0: Transmits data input for the MII interface.
12
TXD1
BD
TXD1: Transmits data input for the MII interface.
13
TXD2
BD
TXD2: Transmits data input for the MII interface.
14
TXD3
BD
TXD3: Transmits data input for MII interface.
15
COL
BD
COL (active HIGH output): This pin must be pulled low externally. It is the collision detect signal in the MII interface. In half-
duplex mode, COL active HIGH output indicates that a collision has occurred. In full-duplex mode, COL remains low.
16
REPEATER/
CRS
BD
REPEATER: Resets read input. Active HIGH puts the chip in repeater mode.
CRS (active HIGH output): Carrier sense signal in the MII interface. CRS is asserted when the twisted-pair media is non-
idle and is deasserted when idle, or when a valid end-of-stream delimiter is detected.
17
GND
G
Ground.
18
VCC
P
+2.5V power supply.
19
PHYAD0/
INTR
BU
PHYAD0: Resets read input. Pull high or low to set the PHY Address bit 0 for the MII management function.
INTR (output): Active low Interrupt output. Cleared by reading register 17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com