Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5220-DS00-R Datasheet(PDF) 27 Page - Broadcom Corporation.

Part # 5220-DS00-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5220-DS00-R Datasheet(HTML) 27 Page - Broadcom Corporation.

Back Button 5220-DS00-R Datasheet HTML 23Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 24Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 25Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 26Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 27Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 28Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 29Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 30Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 31Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 90 page
background image
Preliminary Data Sheet
BCM5220
04/20/04
Broa d c om Co rp o r a t i o n
Document
5220-DS04-405-R
Special LED Modes
Page 15
The 10BASE-T serial mode is enabled by writing a 1 to bit 1 of the Auxiliary Multiple-PHY register (1Eh). This mode is not
available in 100BASE-X modes. The following table shows the MII pins used in this mode and their direction of operation.
SPECIAL LED MODES
Traffic Meter Mode
The blink rate of XMTLED# and RCVLED# is decreased dramatically to better show the volume of traffic. Lower traffic levels
make the corresponding LED appear dimmer than higher traffic levels. This mode is activated by writing a 1 to bit 6 of the
Aux Mode 2 register (1Bh).
Force LEDs On
The SPDLED#, LNKLED#, XMTLED#, RCVLED#, COL_LED#, ACT_LED#, and FDX_LED# outputs can be forced on (0
value) by writing a 01 to bit 5 and 4 of shadow register 1Ah.
Disable LEDs
The SPDLED#, LNKLED#, XMTLED#, RCVLED#, COL_LED#, ACT_LED#, and FDX_LED# outputs can be forced off (1
value) by writing a 10 to bit 5 and 4 of shadow register 1Ah.
Separate 100BASE-TX and 10-BASE-T Link
When bit 12 of register 1Dh is set to 1, LNKLED# indicates the link at 100BASE-TX and SPDLED# indicates the link at
10BASE-T.
Table 4: 10BASE-T Serial Mode (7-Wire) Signals
5220 KPT
Pin Label
Type
Description
57
TXD (0)
I
Serial Transmit Data
53
TXC
O
Transmit Data Clock (10 MHz)
56
TXEN
I
Transmit Enable
48
RXD (0)
O
Serial Receive Data
50
RXC
O
Receive Data Clock (10 MHz)
62
CRS
O
Carrier Sense
61
COL/RXEN
O
Collision Detect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com