Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5220-DS00-R Datasheet(PDF) 79 Page - Broadcom Corporation.

Part # 5220-DS00-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5220-DS00-R Datasheet(HTML) 79 Page - Broadcom Corporation.

Back Button 5220-DS00-R Datasheet HTML 75Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 76Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 77Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 78Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 79Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 80Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 81Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 82Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 83Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 90 page
background image
Preliminary Data Sheet
BCM5220
04/20/04
Broa d c om Co rp o r a t i o n
Document
5220-DS04-405-R
Auxiliary Status 4 Register (Shadow Register)
Page 67
Figure 13: 10BASE-T Serial Receive Timing
Table 46, Table 47, and Table 48 provide the parameters for loopback timing, auto-negotiation timing, and LED timing.
Table 46: Loopback Timing (MII)
Parameter
Symbol
Min
Typ
Max
Unit
TXD to RXD Steady State Propagation Delay
184
ns
Table 47: Auto-Negotiation Timing
Parameter
Symbol
Min
Typ
Max
Unit
Link Test Pulse Width
100
ns
FLP Burst Interval
16
ms
Clock Pulse to Clock Pulse
123
µs
Clock Pulse to Data Pulse (Data = 1)
62.5
µs
Table 48: LED Timing
Parameter
Symbol
Min
Typ
Max
Unit
LED On Time (XMTLED#, RCVLED#, ACTLED#)
80
ms
LED Off Time (XMTLED#, RCVLED#, ACTLED#)
80
ms
RXC
RXD0
RXD_DELAY
RD+/-
RX_CRS_BT
RX_RXDV
RX_NOT_CRS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com