Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5220-DS00-R Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # 5220-DS00-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5220-DS00-R Datasheet(HTML) 2 Page - Broadcom Corporation.

  5220-DS00-R Datasheet HTML 1Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 2Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 3Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 4Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 5Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 6Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 7Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 8Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 90 page
background image
Broadcom Corporation
P.O. Box 57013
16215 Alton Parkway
Irvine, CA 92619-7013
© 2004 by Broadcom Corporation
All rights reserved
Printed in the U.S.A.
Broadcom® and the pulse logo are registered trademarks of Broadcom Corporation and/or its subsidiaries in the United
States and certain other countries. All other trademarks mentioned are the property of their respective owners.
This data sheet (including, without limitation, the Broadcom component(s) identified herein) is not designed, intended,
or certified for use in any military, nuclear, medical, mass transportation, aviation, navigations, pollution control,
hazardous substances management, or other high risk application. BROADCOM PROVIDES THIS DATA SHEET "AS-
IS", WITHOUT WARRANTY OF ANY KIND. BROADCOM DISCLAIMS ALL WARRANTIES, EXPRESSED AND
IMPLIED, INCLUDING, WITHOUT LIMITATION, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS
FOR A PARTICULAR PURPOSE, AND NON-INFRINGEMENT.
REVISION HISTORY
Revision #
Date
Change Description
5520-DS04-405-R
04/20/04
Added RMII timing information to ”Timing and AC Characteristics” on page 58.
5220-DS03-R
09/30/02
Replaced Functional Block Diagram on cover page.
Modified various function descriptions in Table 3.
Modified various function descriptions in Table 9.
Modified various values in Table 37.
Deleted Tables 50 through 53.
Deleted Figures 17 and 18.
5220-DS02-R
05/25/01
Page 14, 17 and 49 - Clarified power on reset requirement.
Page 10 Pin Descriptions- added sentence to pin H8 and G8.
Page 16 - Added Separate 100BASE-TX and 10BASE Link sentence to Special
LED Modes.
Page 21 - Added Alt Link Mode to bit 12 of Auxiliary Mode in Table 7.
Page 42 - Added bits 11:5, and 12 to Table 28.
5220-DS01-R
03/02/01
Eliminated XTALVDD references.
Changed Advanced Specifications to Preliminary Specifications.
Deleted CK25 from PHYAD4.
Removed TXDAC power mode bit from MII registers 18h bit 8, table 7.
Changed default value of MII register 1Ah, table 7.
Added bit 15, FDX LED enable to MII register 1Ah, table 25.
Fixed several register definitions and moved them to correct tables.
Added timing and power values to parameters in table 40 through 57.
Added thermal characteristics section.
Updated table 57, electrical characteristics.
Updated pin label descriptions for XTALI/XTALO and energy_det in table 3.
Updated PHY identifier registers section by changing 00h to 0h in paragraph under
table 11.
Updated descriptions for LEDs H8 and G8 in table 3, Pin descriptions.
5220-DS00-R
10/01/00
Initial Release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com