Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5220-DS00-R Datasheet(PDF) 50 Page - Broadcom Corporation.

Part # 5220-DS00-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5220-DS00-R Datasheet(HTML) 50 Page - Broadcom Corporation.

Back Button 5220-DS00-R Datasheet HTML 46Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 47Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 48Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 49Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 50Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 51Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 52Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 53Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 54Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 90 page
background image
BCM5220
Preliminary Data Sheet
04/20/04
Broa d c om Co rp o r a t i o n
Page 38
Auto-Negotiation Link Partner (LP) Next Page Transmit Register
Document
5220-DS04-405-R
Bypass NRZI Encoder/Decoder
The NRZI encoder and decoder can be bypassed by writing a 1 to bit 8 of MII register 10h, causing 3-level NRZ data to be
transmitted and received on the cable. Normal operation (3-level NRZI encoding and decoding) can be re-enabled by writing
a 0 to this bit.
Bypass Receive Symbol Alignment
Receive symbol alignment can be bypassed by writing a 1 to bit 7 of MII register 10h. When used in conjunction with the
bypass 4B5B encoder/decoder bit, unaligned 5B codes are placed directly on the RXER and RXD1, RXD0 pins.
Baseline Wander Correction Disable
The baseline wander correction circuit can be disabled by writing a 1 to bit 6 of MII register 10h. The BCM5220 corrects for
baseline wander on the receive data signal when this bit is cleared.
FEF Enable
Controls the far end fault mechanism associated with 100BASE-FX operation. A 1 enables the FEF function and a 0 disables
it.
Reserved Bits
The reserved bits of the 100BASE-X Auxiliary Control register must be written as 0 at all times. Ignore the BCM5220 outputs
when these bits are read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com