Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5220-DS00-R Datasheet(PDF) 9 Page - Broadcom Corporation.

Part # 5220-DS00-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5220-DS00-R Datasheet(HTML) 9 Page - Broadcom Corporation.

Back Button 5220-DS00-R Datasheet HTML 5Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 6Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 7Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 8Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 9Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 10Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 11Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 12Page - Broadcom Corporation. 5220-DS00-R Datasheet HTML 13Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 90 page
background image
Broa d c om Co rp o r a t i o n
Document 5220-DS04-405-R
Page ix
Preliminary Data Sheet
■ BCM5220
04/20/04
LIST OF TABLES
Table 1: 4B5B Encoding..................................................................................................................................... 5
Table 2: Receive Error Encoding........................................................................................................................ 6
Table 3: Pin Descriptions.................................................................................................................................... 7
Table 4: 10BASE-T Serial Mode (7-Wire) Signals............................................................................................ 15
Table 5: Low Power Modes .............................................................................................................................. 17
Table 6: MII Management Frame Format ......................................................................................................... 18
Table 7: MII Register Map Summary................................................................................................................ 21
Table 8: MII Shadow Register Map Summary.................................................................................................. 23
Table 9: MII Control Register (Address 00000b, 0d, 00h) ............................................................................... 24
Table 10: MII Status Register (Address 00001B, 01d, 01h) ............................................................................. 26
Table 11: PHY Identifier Registers (Addresses 00010 and 00011b, 02 and 03b, 02 and 03h) ........................ 28
Table 12: Auto-Negotiation Advertisement Register (Address 04d, 04h)......................................................... 29
Table 13: Auto-Negotiation Link Partner Ability Register (Address 05d, 05h) .................................................. 31
Table 14: Auto-Negotiation Expansion Register (Address 00110b, 6d, 06h) ................................................... 33
Table 15: Next Page Transmit Register (Address 07d, 07h)............................................................................ 35
Table 16: Next Page Transmit Register (Address 08d, 08h)............................................................................ 36
Table 17: 100BASE-X Auxiliary Control Register (Address 16d, 10h) ............................................................. 37
Table 18: 100BASE-X Auxiliary Status Register (Address 17d, 11h)............................................................... 39
Table 19: 100BASE-X Receive Error Counter (Address 18d, 12h) .................................................................. 41
Table 20: 100BASE-X False Carrier Sense Counter (Address 19d, 13h) ........................................................ 42
Table 21: 100BASE-X Disconnect Counter (Address 20d, 14h) ...................................................................... 42
Table 22: PTEST Register (Address 10111b, 23d, 17h) .................................................................................. 42
Table 23: Auxiliary Control/Status Register (Address 24d, 18h) ...................................................................... 43
Table 24: Auxiliary Status Summary Register (Address 25d, 19h) ..................................................................45
Table 25: Interrupt Register (Address 26d, 1Ah).............................................................................................. 46
Table 26: Auxiliary Mode 2 Register (Address 27d, 1Bh)................................................................................. 47
Table 27: 10BASE-T Auxiliary Error & General Status Register (Address 28d, 1Ch) ...................................... 49
Table 28: Auxiliary Mode Register (Address 29d, 1Dh) ................................................................................... 50
Table 29: Auxiliary Multiple PHY Register (Address 30d, 1Eh)........................................................................ 51
Table 30: Broadcom Test (Address 31d, 1Fh) ................................................................................................. 53
Table 31: Auxiliary Mode 4 Register (Shadow Register 26d, 1Ah) ..................................................................54
Table 32: Auxiliary Status 2 Register (Shadow Register 27d, 1Bh) ................................................................. 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com