Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5228-DS06-R Datasheet(PDF) 38 Page - Broadcom Corporation.

Part # 5228-DS06-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS06-R Datasheet(HTML) 38 Page - Broadcom Corporation.

Back Button 5228-DS06-R Datasheet HTML 34Page - Broadcom Corporation. 5228-DS06-R Datasheet HTML 35Page - Broadcom Corporation. 5228-DS06-R Datasheet HTML 36Page - Broadcom Corporation. 5228-DS06-R Datasheet HTML 37Page - Broadcom Corporation. 5228-DS06-R Datasheet HTML 38Page - Broadcom Corporation. 5228-DS06-R Datasheet HTML 39Page - Broadcom Corporation. 5228-DS06-R Datasheet HTML 40Page - Broadcom Corporation. 5228-DS06-R Datasheet HTML 41Page - Broadcom Corporation. 5228-DS06-R Datasheet HTML 42Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 100 page
background image
BCM5228
Data Sheet
7/12/04
Broa d c om Co rp o r a t i o n
Page 26
10BASE-T Mode
Document
5228-DS09-405-R
is used. The data is encoded using two-level NRZI instead of three-level MLT3. The data stream is not scrambled for fiber-
optic transmission. The stream cipher function is bypassed when 100BASE-FX mode is selected.
The external fiber-optic receiver detects signal status and communicate it to the BCM5228B or BCM5228F through the SD
±
pins. In this mode, the internal signal detect function is bypassed. The 100BASE-FX mode is automatically selected
whenever a valid differential signal is detected at the SD
± input pins. Pulling both SD+ and SD– low simultaneously disables
the 100BASE-FX mode.
10BASE-T MODE
The same magnetics module is used to interface the twisted-pair cable in 10BASE-T mode and in 100BASE-TX mode. The
data is two-level Manchester coded instead of three-level MLT3 and no scrambling/descrambling or 4B5B coding is
performed.
Data and clock rates are decreased by a factor of 10, with the RMII interface operating at 2.5 MHz.
ISOLATE MODE
Each transceiver in the BCM5228 can be isolated from the RMII/SMII/S3MII interface. When a transceiver is put into isolate
mode, all RMII/SMII/S3MII input pins (TXD0, TXD1, TX_EN, TX_ER, SSYNC, SMII_TXC) are ignored and all RMII/SMII/
S3MII output pins (CRS_DV, RX_ER, RXD0, RXD1, SMII_RSYNC, SMII_RXC) are set at high impedance. MII management
pins (MDC, MDIO,) and analog TD±, RD± pins operate normally. Writing a 1 to bit 10 of the MII Control register 0 puts the
port into isolate mode. Writing a 0 to the same bit removes it from isolate mode. Upon resetting the chip or resetting the
isolated port, the isolate mode is off.
SUPER ISOLATE MODE
When the chip is in super isolate mode, in addition to isolate mode actions, the chip also sets the analog TD± pins to high
impedance. Writing a 1 to bit 3 of the MII register 1Eh puts the port into super isolate mode. Writing a 0 to the same bit
removes it from super isolate mode. Upon resetting the chip or resetting the isolated port, the super isolate mode is off.
AUTO POWER-DOWN MODE
The BCM5228 supports a low power mode called auto power-down mode. Auto power-down mode is enabled by setting bit
5 of shadow register 1Bh. When in this mode, the BCM5228 automatically enters the low power mode if the energy from the
link partner is lost. Similarly, the next time energy is detected, the chip resumes full power mode. When the BCM5228 is in
this low power mode, it wakes up after approximately 2.5 to 5.0 seconds, as determined by bit 4 of shadow register 1Bh, and
sends a link pulse while monitoring energy from the link partner. If energy is detected, the BCM5228 enters full power mode
and establishes link with the link partner. Otherwise, the wake-up mode continues for a duration of approximately 40–600
milliseconds, as determined by bits [3:0] of shadow register 1Bh before going to low power mode. See Table43onpage 66
for details of various bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com