Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5228-DS06-R Datasheet(PDF) 51 Page - Broadcom Corporation.

Part # 5228-DS06-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS06-R Datasheet(HTML) 51 Page - Broadcom Corporation.

Back Button 5228-DS06-R Datasheet HTML 47Page - Broadcom Corporation. 5228-DS06-R Datasheet HTML 48Page - Broadcom Corporation. 5228-DS06-R Datasheet HTML 49Page - Broadcom Corporation. 5228-DS06-R Datasheet HTML 50Page - Broadcom Corporation. 5228-DS06-R Datasheet HTML 51Page - Broadcom Corporation. 5228-DS06-R Datasheet HTML 52Page - Broadcom Corporation. 5228-DS06-R Datasheet HTML 53Page - Broadcom Corporation. 5228-DS06-R Datasheet HTML 54Page - Broadcom Corporation. 5228-DS06-R Datasheet HTML 55Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 100 page
background image
Data Sheet
BCM5228
7/12/04
Broa d c om Co rp o r a t i o n
Document
5228-DS09-405-R
MII Management Interface: Register Programming
Page 39
MII CONTROL REGISTER
Soft Reset. To reset the BCM5228 by software control, a 1 must be written to bit 15 of the Control register using an MII write
operation. The bit clears itself after the reset process is complete, and need not be cleared using a second MII write. Writes
to other Control register bits have no effect until the reset process is completed, which requires approximately 1
microsecond. Writing a 0 to this bit has no effect. Since this bit is self-clearing, after a few cycles from a write operation, it
returns a 0 when read.
Loopback. The BCM5228 can be placed into loopback mode by writing a 1 to bit 14 of the Control register. The loopback
mode can be cleared by writing a 0 to bit 14 of the Control register, or by resetting the chip. When this bit is read, it returns
a 1 when the chip is in software-controlled loopback mode, otherwise it returns a 0.
Forced Speed Selection. If auto-negotiation is enabled, this bit has no effect on the speed selection. However, if auto-
negotiation is disabled by software control, the operating speed of the BCM5228 can be forced by writing the appropriate
value to bit 13 of the Control register. Writing a 1 to this bit forces 100BASE-X operation, while writing a 0 forces 10BASE-
T operation. When this bit is read, it returns the value of the software-controlled forced speed selection only. In order to read
the overall state of forced speed selection, including both hardware and software control, use bit 2of the Auxiliary Error and
General Status register, 1Ch.
Auto-Negotiation Enable. Auto-negotiation can be disabled by one of two methods: hardware or software control. If the
ANEN input pin is driven to a logic 0, auto-negotiation is disabled by hardware control. If bit 12 of the Control register is
written with a value of 0, auto-negotiation is disabled by software control. When auto-negotiation is disabled in this manner,
writing a 1 to the same bit of the Control register or resetting the chip re-enables auto-negotiation. Writing to this bit has no
Table 19: MII Control Register (Address 00d, 00h)
Bit
Name
R/W
Description
Default
15
Soft Reset
R/W
(SC)
1 = PHY reset
0 = Normal operation
0
14
Loopback
R/W
1 = loopback mode
0 = Normal operation
0
13
Forced Speed Selection
R/W
1 = 100 Mbps
0 = 10 Mbps
1
12
Auto-Negotiation Enable
R/W
1 = Auto-negotiation enable
0 = Auto-negotiation disable
1
11
Power Down
RO
0 = Normal operation
0
10
Isolate
R/W
1 = Electrically isolate PHY from RMII
0 = Normal operation
0
9
Restart Auto-Negotiation
R/W
(SC)
1 = Restart auto-negotiation process
0 = Normal operation
0
8
Duplex Mode
R/W
1 = Full-duplex
0 = Half-duplex
0
7
Reserveda
a. Preserve existing values of reserved bits by completing a “Read/Modify Write.”
––
0
6:0
Reserveda
––
0
Note: R/W = Read/Write, RO = Read Only, SC = Self Clear, LL = Latched Low, LH = Latched High, LL and LH Clear
after read operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com