Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5228-DS06-R Datasheet(PDF) 14 Page - Broadcom Corporation.

Part # 5228-DS06-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS06-R Datasheet(HTML) 14 Page - Broadcom Corporation.

Back Button 5228-DS06-R Datasheet HTML 10Page - Broadcom Corporation. 5228-DS06-R Datasheet HTML 11Page - Broadcom Corporation. 5228-DS06-R Datasheet HTML 12Page - Broadcom Corporation. 5228-DS06-R Datasheet HTML 13Page - Broadcom Corporation. 5228-DS06-R Datasheet HTML 14Page - Broadcom Corporation. 5228-DS06-R Datasheet HTML 15Page - Broadcom Corporation. 5228-DS06-R Datasheet HTML 16Page - Broadcom Corporation. 5228-DS06-R Datasheet HTML 17Page - Broadcom Corporation. 5228-DS06-R Datasheet HTML 18Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 100 page
background image
BCM5228
Data Sheet
7/12/04
Broa d c om Co rp o r a t i o n
Page 2
Link Monitor
Document
5228-DS09-405-R
Following baseline wander correction, adaptive equalization, and clock recovery in TX mode, the receive data stream is
converted from MLT3 to serial NRZI data. The NRZI data is descrambled by the stream cipher block and then deserialized
and aligned into 5-bit code groups.
In FX mode, the receive data stream differential PECL levels are sampled from the fiber-optic receiver. Baseline wander
correction, adaptive equalization, and stream cipher descrambling functions are bypassed, and NRZI decoding is used
instead of MLT3.
The 5-bit code groups are decoded into 4-bit data nibbles, as shown in Table 1 on page 4. The start-of-stream delimiter is
replaced with preamble nibbles, and the end-of-stream delimiter and idle codes are replaced with all zeros. The decoded
data is driven onto the RMII/SMII receive data pins. When an invalid code group is detected in the data stream, the BCM5228
asserts the RMII/SMII RXER signal. The chip also asserts RXER for several other error conditions that improperly terminate
the data stream. While RXER is asserted, the receive data pins are driven with a 01 for an invalid data reception and a 10
for a false carrier.
In 10BASE-T mode, Manchester encoding and decoding is performed on the data stream. The multimode transmit DAC
performs pre-equalization for 100m of Category 3 cable.
LINK MONITOR
In 100BASE-TX mode, receive signal energy is detected by monitoring the receive pair for transitions in the signal level.
Signal levels are qualified using squelch detect circuits. When no signal or certain invalid signals are detected on the receive
pair, the link monitor enters and remains in the Link Fail state where only idle codes are transmitted. When a valid signal is
detected on the receive pair for a minimum period of time, the link monitor enters the Link Pass state and the transmit and
receive functions are enabled.
In 100BASE-FX mode, the external fiber-optic receiver performs the signal energy detection function and communicates this
information directly to the BCM5228 through the differential SD± pins.
In 10BASE-T mode, a link-pulse detection circuit constantly monitors the RD± pins for the presence of valid link pulses.
CARRIER SENSE
In DTE mode, the carrier sense and receive data valid signals are multiplexed on the same pin. The carrier sense is asserted
asynchronously on the CRS_DV pin as soon as valid activity is detected in the receive data stream. Loss of carrier results
in the deassertion of CRS_DV synchronous to the cycle of REF_CLK that presents the first di-bit of a nibble onto RXD. If the
PHY has additional bits to be presented on RXD following the initial deassertion of CRS_DV, the PHY asserts CRS_DV on
cycles of REF_CLK that present the second di-bit of each nibble, and deasserts CRS_DV on cycles of REF_CLK that
present the first di-bit of each nibble. If carrier sense is asserted and a valid SSD is not detected immediately, RXER is
asserted. A value of 2h (2 hex) is driven on the receive data pins to indicate false carrier sense.
In 10BASE-T mode, carrier sense is asserted asynchronously on the CRS pin when valid preamble activity is detected on
the RD± input pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com