Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5228-DS06-R Datasheet(PDF) 72 Page - Broadcom Corporation.

Part # 5228-DS06-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS06-R Datasheet(HTML) 72 Page - Broadcom Corporation.

Back Button 5228-DS06-R Datasheet HTML 68Page - Broadcom Corporation. 5228-DS06-R Datasheet HTML 69Page - Broadcom Corporation. 5228-DS06-R Datasheet HTML 70Page - Broadcom Corporation. 5228-DS06-R Datasheet HTML 71Page - Broadcom Corporation. 5228-DS06-R Datasheet HTML 72Page - Broadcom Corporation. 5228-DS06-R Datasheet HTML 73Page - Broadcom Corporation. 5228-DS06-R Datasheet HTML 74Page - Broadcom Corporation. 5228-DS06-R Datasheet HTML 75Page - Broadcom Corporation. 5228-DS06-R Datasheet HTML 76Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 100 page
background image
BCM5228
Data Sheet
7/12/04
Broa d c om Co rp o r a t i o n
Page 60
Auxiliary Mode Register
Document
5228-DS09-405-R
AUXILIARY MODE REGISTER
Activity LED Force Inactive. When set to 1, disables the Col LED, Transmit LED, Receive LED, and Activity LED. This bit
has a lower priority than the Activity LED Force On, bit 5 of register 1Bh.
Link LED Disable. When set to 1, disables the Link LED output pin. When 0, Link LED output is enabled.
Block TXEN Mode. When this mode is enabled, short IPGs of 1, 2, 3, or 4 TXC cycles all result in the insertion of two idles
before the beginning of the next packet’s JK symbols.
Table 37: Auxiliary Mode Register (Address 29d, 1Dh)
Bit
Name
R/W
Description
Default
15:5
Reserveda
a. Preserve existing values of reserved bits by completing a Read/Modify Write.
–
–000h
4
Activity LED Force Inactive
R/W
1 = Disable Col LED, Transmit LED,
Receive
LED, and Activity LED
0 = Enable above LEDs
0
3
Link LED Disable
R/W
1 = Disable link LED output
0 = Enable link LED output
0
2
Reserveda
–
–0
1Block TXEN Mode
R/W
1 = Enable block TXEN mode
0 = Disable block TXEN mode
0
0
Reserveda
–
–0
Note: R/W = Read/Write, RO = Read Only, SC = Self Clear, LL = Latched Low, LH = Latched High, LL and LH Clear
after read operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com