Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5228-DS06-R Datasheet(PDF) 63 Page - Broadcom Corporation.

Part # 5228-DS06-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS06-R Datasheet(HTML) 63 Page - Broadcom Corporation.

Back Button 5228-DS06-R Datasheet HTML 59Page - Broadcom Corporation. 5228-DS06-R Datasheet HTML 60Page - Broadcom Corporation. 5228-DS06-R Datasheet HTML 61Page - Broadcom Corporation. 5228-DS06-R Datasheet HTML 62Page - Broadcom Corporation. 5228-DS06-R Datasheet HTML 63Page - Broadcom Corporation. 5228-DS06-R Datasheet HTML 64Page - Broadcom Corporation. 5228-DS06-R Datasheet HTML 65Page - Broadcom Corporation. 5228-DS06-R Datasheet HTML 66Page - Broadcom Corporation. 5228-DS06-R Datasheet HTML 67Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 100 page
background image
Data Sheet
BCM5228
7/12/04
Broa d c om Co rp o r a t i o n
Document
5228-DS09-405-R
100BASE-X False Carrier Sense Counter
Page 51
100BASE-X FALSE CARRIER SENSE COUNTER
RMII/SMII Overrun/Underrun Counter [7:0]. The RMII/SMII Overrun/Underrun Counter increments each time the
BCM5228 detects an overrun or underrun of the RMII/SMII FIFOs. The counter automatically clears itself when read. When
the counter reaches its maximum value, FFh, it stops counting overrun/underrun errors until cleared.
False Carrier Sense Counter [7:0]. This counter increments each time the BCM5228 detects a false carrier on the receive
input. This counter automatically clears itself when read. When the counter reaches its maximum value (FFh), it stops
counting false carrier sense errors until it is cleared.
100BASE-X DISCONNECT COUNTER
RMII/SMII Fast RXD. Extended FIFO operation only. Bit 15 of the Disconnect Counter register indicates the FIFO state
machine has detected fast receive data relative to the REF_CLK input.
RMII/SMII Slow RXD. Extended FIFO operation only. Bit 14 of the Disconnect Counter register indicates the FIFO state
machine has detected slow receive data relative to the REF_CLK input.
Table 30: 100BASE-X False Carrier Sense Counter (Address 19d, 13h)
Bit
Name
R/W
Description
Default
15:8
RMII/SMII Overrun/Underrun
Counter [7:0]
R/W
Number of RMII overruns/underruns since last read
00h
7:0
False Carrier Sense Counter
[7:0]
R/W
Number of false carrier sense events since last read
00h
Table 31: 100BASE-X Disconnect Counter
Bit
Name
R/W
Description
Default
15
RMII/SMII Fast RXD
R/O
1 = In extended FIFO mode, detect fast receive data
0 = Normal
0
14
RMII/SMII Slow RXD
R/O
0 = Normal
1 = In extended FIFO mode, detect slow receive data
0
13:8
Reserveda
a. Preserve existing values of reserved bits by completing a “Read/Modify Write.”
–
–
000010
7:0
Reserveda
––
00h
Note: R/W = Read/Write, RO = Read Only, SC = Self Clear, LL = Latched Low, LH = Latched High, LL and LH Clear
after read operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com