Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5228-DS05-R Datasheet(PDF) 39 Page - Broadcom Corporation.

Part # 5228-DS05-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS05-R Datasheet(HTML) 39 Page - Broadcom Corporation.

Back Button 5228-DS05-R Datasheet HTML 35Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 36Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 37Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 38Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 39Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 40Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 41Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 42Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 43Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 100 page
background image
Data Sheet
BCM5228
7/12/04
Broa d c om Co rp o r a t i o n
Document
5228-DS09-405-R
Jumbo Packet Mode
Page 27
JUMBO PACKET MODE
In 100BASE-X mode, the BCM5228 can support jumbo packet size. The size of the packet that can be handled reliably
depends on the descrambler lock timer settings and the receive FIFO size. By default, the BCM5228 provides an effective
10 bits of receive FIFO to allow for extremely large packet sizes. These modes are enabled by setting appropriate bits in the
MII registers. Table 4 shows the number of effective FIFO bits supported.
When changing the receive FIFO size, it is necessary to identify the receive packet size requirement and set the descrambler
timer lock accordingly. The descrambler lock is controlled by the Jumbo Packet Enable bit located in register 1HBh, bit 10.
The packet size that can be reliably received is the lower number indicated by two settings: the Jumbo Packet Enable bit
and the two Extended FIFO Enable bits.
PHY ADDRESS
Each transceiver in the BCM5228 has a unique PHY address for MII management. The PHY address is determined by the
using the base address, which is input on the PHYAD[4:0] pins. The following shows the addressing of the eight PHYs.
PHY0 = PHYAD + 0, PHY1 = PHYAD + 1,... PHY7 = PHYAD + 7
Every time an MII write or read operation is executed, the transceiver compares the PHY address with its own PHY address
definition. The operation is executed only when the addresses match.
Table 4: Receive FIFO Size Select
Jumbo Packet FIFO Enable
Reg 1Bh bit 9
Extended FIFO Enable
Reg 10h bit 2
Number of Effective
FIFO Bits Supported
Packet Size
(bytesb)
b. The packet size calculation is based on 50 ppm clock tolerance for local and link partner.
0
0
10
12 500
0
1
20
25 000
1
0
20
25 000
11
40 (20a)
a. In this mode, the BCM5228 operation is guaranteed to only 20 bits of effective FIFO depth, although under some
circumstances, it could behave as if the FIFO depth is 40 bits.
50 000/25 000
Table 5: Jumbo Packet Enable and Descrambler Lock Timer
Jumbo Packet Enable
Reg 1Bh bit 10
Descrambler Lock Timer
Packet Size
0
720
µs
9050
1
5792
µs
72 400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com