Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5228-DS05-R Datasheet(PDF) 40 Page - Broadcom Corporation.

Part # 5228-DS05-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS05-R Datasheet(HTML) 40 Page - Broadcom Corporation.

Back Button 5228-DS05-R Datasheet HTML 36Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 37Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 38Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 39Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 40Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 41Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 42Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 43Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 44Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 100 page
background image
BCM5228
Data Sheet
7/12/04
Broa d c om Co rp o r a t i o n
Page 28
HP Auto-MDIX
Document
5228-DS09-405-R
HP AUTO-MDIX
During auto-negotiation and in various operating modes, one end of the link must be configured as an MDI (Media
Independent Interface) crossover so that each transceiver’s transmitter is connected to the other’s receiver. The BCM5228
contains the ability to perform HP Auto-MDIX crossover, thus eliminating the need for crossover cable or cross-wired (MDIX)
ports.
During auto-negotiation and in various operating modes, the BCM5228 normally transmits on TD± and receives on RD±.
When connected via a straight-through cable to another device that does not have HP Auto-MDIX, the BCM5228
automatically switches its transmitter to RD± and its receiver to TD± to communicate with that device. If the link partner also
has HP Auto-MDIX, then a random algorithm determines which end performs the crossover function.
The HP Auto-MDIX feature is implemented in accordance with the IEEE 802.3ab specification. The HP Auto-MDIX crossover
feature is a function of auto-negotiation. Therefore, if the BCM5228 is configured not to perform auto-negotiation, HP Auto-
MDIX crossover does not work, and a specific cable is required to ensure that each transceiver’s transmitter is connected
to the other’s receiver.
The HP Auto-MDIX feature is enabled in hardware by pulling the MDIX_DIS pin low during power-on reset. If enabled by
hardware, this feature can be disabled by setting bit 11 of the MII register 1Ch to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com