Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5228-DS05-R Datasheet(PDF) 21 Page - Broadcom Corporation.

Part # 5228-DS05-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS05-R Datasheet(HTML) 21 Page - Broadcom Corporation.

Back Button 5228-DS05-R Datasheet HTML 17Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 18Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 19Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 20Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 21Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 22Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 23Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 24Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 25Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 100 page
background image
Data Sheet
BCM5228
7/12/04
Broa d c om Co rp o r a t i o n
Document
5228-DS09-405-R
Hardware Signal Definition Table
Page 9
Sec t io n 2 : H a rdwa re Si gn al Defi ni ti on Ta ble
These conventions are used in the following table:
•
# = Active low
•
I = Digital input
•
O = Digital output
•
I/O = Bidirectional
•
IA = Analog input
•
OA = Analog output
•
IPU = Digital input with internal pull-up
•
IPD = Digital input with internal pull-down
•
OOD = Open-drain output
•
O3S = Tri-state output
•
I/OPD = Bidirectional with internal pull-down
•
B = Bias
•
Bus naming convention: Pin label followed by {Port #}
•
Pin type
Table 2: Pin Definitions
BCM5228B BCM5228F BCM5228U Pin Label
I/O
Description
Media Connections
A12,B12
A11,B11
A08,B08
A07,B07
T06,R06
T07,R07
T10,R10
T11,R11
166,167
178,177
184,185
196,195
64,65
76,75
82,83
94,93
165,166
173,172
179,180
198,197
62,63
81,80
87,88
95,94
RD+{1}, RD–{1}
RD+{2}, RD–{2}
RD+{3}, RD–{3}
RD+{4}, RD–{4}
RD+{5}, RD–{5}
RD+{6}, RD–{6}
RD+{7}, RD–{7}
RD+{8}, RD–{8}
IA
Receive Pair. Differential data from the media
is received on the RD
± signal pair.
A13,B13
A10,B10
A09,B09
A06,B06
T05,R05
T08,R08
T09,R09
T12,R12
164,165
180,179
182,183
198,197
62,63
78,77
80,81
96,95
163,164
175,174
177,178
200,199
60,61
83,82
85,86
97,96
TD+{1}, TD–{1}
TD+{2}, TD–{2}
TD+{3}, TD–{3}
TD+{4}, TD–{4}
TD+{5}, TD–{5}
TD+{6}, TD–{6}
TD+{7}, TD–{7}
TD+{8}, TD–{8}
OA
Transmit Pair. Differential data is transmitted
to the media on the TD
± signal pair.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com