Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5228-DS05-R Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # 5228-DS05-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS05-R Datasheet(HTML) 2 Page - Broadcom Corporation.

  5228-DS05-R Datasheet HTML 1Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 2Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 3Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 4Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 5Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 6Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 7Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 8Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 100 page
background image
BCM5228
Data Sheet
7/12/04
Broa d c om Co rp o r a t i o n
Page ii
Document
5228-DS09-405-R
REVISION HISTORY
Revision
Date
Change Description
5228-DS09-405-R
07/12/04
Resized the “BGA Pinout (Top View)” figure to improve readability.
5228-DS08-R
06/02/03
• Added 2.5V I/O-OVDD option under “Features” on the cover.
• Added ”HP Auto-MDIX.”
• Added SLED_CLK frequency to ”Serial LED Mode.”
• Added description to bit 4, Activity LED, in Table 37, ”Auxiliary Mode Register
(Address 29d, 1Dh).”
5228-DS07-R
09/09/02
• Added PLL VDD pin definition table and figures.
• Included details on Isolate mode, super Isolate mode, and Auto Power-Down
mode.
• Included bit 15 (FDX LED enable) changes to serial LED mode.
• Included Jumbo Packet mode bits and descriptions.
• Show correct default value for shadow register 1Ah.
5228-DS06-R
03/07/02
Updated the following:
• “MII Register Map Summary” table.
• “Clock and Reset Timing” figure.
• “Packaging Thermal Characteristics” section.
• “Ordering Information” section.
5228-DS05-R
10/24/01
• Added ordering information; added minor table information updates.
5228-DS04-R
03/15/01
• Added the following to “Features” on the cover:
-
Option-source synchronous SMII (S3MII)
-HP Auto-MDIX
-
Cable Length Indication
-
Cable Noise Level Indication
• Following Table 32, deleted from Interrupt Enable description: “Bits 14 and 15
of this register are mutually exclusive. Only one may be set at a time.”
• In Table 49, inserted TYP values for parameters TD± after TXEN Assert and
TXD to TD± Steady State Delay.
• In Table 50, added TYP values for parameter CRS_DV Assert after RD±,
CRS_DV Deassert after RD±; and CRS_DV Deassert after RD±, Valid EOP.
Deleted last row (parameter RD± to CRS_DV Steady State Delay).
• In Table 57, added TYP and MAX values for Total Supply Current for AVDD,
DVDD and OVDD pins.
• Added Section 10: “Packaging Thermal Characteristics.”
• Corrected specification of register 19h, bit 0 from jabber detect to full-duplex
indication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com