Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5228-DS05-R Datasheet(PDF) 49 Page - Broadcom Corporation.

Part # 5228-DS05-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS05-R Datasheet(HTML) 49 Page - Broadcom Corporation.

Back Button 5228-DS05-R Datasheet HTML 45Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 46Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 47Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 48Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 49Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 50Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 51Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 52Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 53Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 100 page
background image
MII REGISTER MAP SUMMARY
Table 17 contains the MII register map summary for each port of the BCM5228. The register addresses are specified in hex form, and the name of register bits
have been abbreviated. When writing to any register, preserve existing values of the reserved bits by completing a “Read/Modify Write.” Ignore reserved bits when
reading registers. Never write to an undefined register. The reset values of the registers are shown in the INIT column. Some of these values could be different
depending on how the device is configured and also depending on the device revision value.
Table 17: MII Register Map Summary
Addr Name
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Init
00h
Control
Soft
Reset
Loopback
Force100
Auto-neg
Enable
Power
Down
Isolate
Restart
Auto-neg
Full-duplex
Collision
Test
Reserved
3000h
01h
Status
T4
Capable
TX FDX
Capable
TX
Capable
BASE-T
FDX
Capable
10BASE-T
Capable
Reserved
MF pream
suppress
Auto-neg
comp
Remote
Fault
Auto-neg
Capable
Link
Status
Jabber
Detect
Extd Reg
Capable
7809h
02h
PhyID High
0
0
0
00000
0
1
0
0
0
0
0
0
0040h
03h
PhyID Low
0
1
1
0
0
0
01
1
Model #
10
1
Revision #
0
0
0
0
61D0h
04h
Aut-neg
Advertise
Next
Page
Reserved
Remote
Fault
Reserved Tech
Pause
Adv
T4
Adv
TX FDX
Adv
TX
Adv
BASE-T
FDX
Adv
BASE-T
Advertised Selector Field[4:0]
0
0
0
0
1
01E1h
05h
Link Partner
Ability
LP Next
Page
LP
Acknowledge
LP Rem
Fault
Reserved Tech
LP
Pause
LP
T4
LP
TX FDX
LP
TX
LP
BASE-T
FDX
LP
BASE-T
Link Partner Selector Field [4:0]
0000h
06h
Auto-neg
Expansion
Reserved
Par Det
Fault
LP Next
Pg Able
Next Pg
Able
Page
Recvd
LP Auto-
neg Able
0004h
07h
Next Page
Next
Page
Reserved
Message
Page
Acknowledge2
Toggle
Message/Unformatted Code Field
2001h
08h
LP Next Page
Next
Page
Reserved
Message
Page
Acknowledge2
Toggle
Message/Unformatted Code Field
0000h
10h
100BASE-X
Aux Control
Reserved
Trans
Disable
Reserved
Bypass
4B5B
Enc/Dec
Bypass
Scram/
Descram
Bypass
NRZI
Enc/Dec
Bypass
Rcv Sym
Align
Baseline
Wander
Disable
FEF
Enable
Reserved
Extended
FIFO
Enable
Reserved
0000h
11h
100BASE-X
Aux Status
Reserved
R/SMII
Over
Under
Run
FX Mode
Locked
Current
100 Link
Status
Current
Remote
Fault
Reserved
False
Carrier
Detected
Bad
ESD
Detected
RCV
Error
Detected
XMT
Error
Detected
Lock
Error
Detected
MLT3
Error
Detected
0000h
12h
100BASE-X
RCV Error
Counter
Receive Error Counter[15:0]
0000h
13h
100BASE-X
False Carrier
Counter
RMII/SMII Overrun/Underrun Counter[7:0]
False Carrier Sense Counter[7:0]
0000h
14h
100BASE-X
Disconnect
Counter
RMII/SMII
Fastrxd
RMII/SMII
Slowrxd
Reserved
0200h
15h
Reserved
Reserved
0300h
16h
Reserved
Reserved
0000h
17h
PTest
Reserved
0000h
18h
Auxiliary
Control/
Status
Jabber
Disable
Force Link
Reserved
TXDAC
Power
Mode
HSQ
LSQ
Edge Rate[1:0]
Auto-neg
Enable
Indication
Force 100
Indication
SP100
Indication
FDX
Indication
003xh
19h
Auxiliary
Status
Summary
Auto-neg
Complete
Auto-neg
Complete
Ack
Auto-neg
Ack Detect
Auto-neg
Ability
Detect
Auto-neg
Pause
Auto-neg
HCD
Auto-neg
Pardet
Fault
LP
Remote
Fault
LP
Page
Rcvd
LP
Auto-neg
Able
SP100
Indication
Link
Status
Internal
Auto-neg
Enabled
Full-duplex
Indication
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com