Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1069G Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1069G
Description  16-Mbit (2M words 횞 8 bit) Static RAM with Error-Correcting Code (ECC)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1069G Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1069G Datasheet HTML 2Page - Cypress Semiconductor CY7C1069G Datasheet HTML 3Page - Cypress Semiconductor CY7C1069G Datasheet HTML 4Page - Cypress Semiconductor CY7C1069G Datasheet HTML 5Page - Cypress Semiconductor CY7C1069G Datasheet HTML 6Page - Cypress Semiconductor CY7C1069G Datasheet HTML 7Page - Cypress Semiconductor CY7C1069G Datasheet HTML 8Page - Cypress Semiconductor CY7C1069G Datasheet HTML 9Page - Cypress Semiconductor CY7C1069G Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Document Number: 001-81539 Rev. *J
Page 6 of 20
CY7C1069G
CY7C1069GE
Product Portfolio
Product
Features and Options
(see the Pin
Configurations section)
Range
VCC Range (V)
Speed
(ns)
Power Dissipation
Operating ICC, (mA)
Standby, ISB2 (mA)
f = fmax
Typ [6]
Max
Typ [6]
Max
CY7C1069G18
Dual-chip enable
Industrial
1.65 V–2.2 V
15
70
80
20
30
CY7C1069G30
2.2 V–3.6 V
10
90
110
CY7C1069G
4.5 V–5.5 V
10
90
110
CY7C1069GE18 Dual-chip enable and ERR
output
1.65 V–2.2 V
15
70
80
CY7C1069GE30
2.2 V–3.6 V
10
90
110
CY7C1069GE
4.5 V–5.5 V
10
90
110
Notes
6. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = 1.8 V (for VCC range of 1.65 V–2.2 V), VCC =3V
(for VCC range of 2.2 V–3.6 V), and VCC = 5 V (for VCC range of 4.5 V–5.5 V), TA = 25 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com