Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1069G Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1069G
Description  16-Mbit (2M words 횞 8 bit) Static RAM with Error-Correcting Code (ECC)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1069G Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1069G Datasheet HTML 4Page - Cypress Semiconductor CY7C1069G Datasheet HTML 5Page - Cypress Semiconductor CY7C1069G Datasheet HTML 6Page - Cypress Semiconductor CY7C1069G Datasheet HTML 7Page - Cypress Semiconductor CY7C1069G Datasheet HTML 8Page - Cypress Semiconductor CY7C1069G Datasheet HTML 9Page - Cypress Semiconductor CY7C1069G Datasheet HTML 10Page - Cypress Semiconductor CY7C1069G Datasheet HTML 11Page - Cypress Semiconductor CY7C1069G Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Document Number: 001-81539 Rev. *J
Page 8 of 20
CY7C1069G
CY7C1069GE
Capacitance
Parameter [11]
Description
Test Conditions
54-pin TSOP II 48-ball VFBGA Unit
CIN
Input capacitance
TA = 25 C, f = 1 MHz, VCC = VCC(typ)
10
10
pF
COUT
I/O capacitance
10
10
pF
Thermal Resistance
Parameter [11]
Description
Test Conditions
54-pin TSOP II 48-ball VFBGA Unit
JA
Thermal resistance
(junction to ambient)
Still air, soldered on a 3 × 4.5 inch,
four-layer printed circuit board
93.63
31.50
C/W
JC
Thermal resistance
(junction to case)
21.58
15.75
C/W
AC Test Loads and Waveforms
Figure 5. AC Test Loads and Waveforms [12]
90%
10%
VHIGH
GND
90%
10%
All Input Pulses
VCC
Output
5 pF*
* Including
JIG and
Scope
(b)
R1
R2
Rise Time:
Fall Time:
> 1 V/ns
(c)
Output
50
Z0 = 50 
VTH
30 pF*
* Capacitive load consists
of all components of the
test environment
High-Z Characteristics:
(a)
> 1 V/ns
Parameters
1.8 V
3.0 V
5.0 V
Unit
R1
1667
317
317
R2
1538
351
351
VTH
0.9
1.5
1.5
V
VHIGH
1.8
3
3
V
Notes
11. Tested initially and after any design or process changes that may affect these parameters.
12. Full device AC operation assumes a 100-µs ramp time from 0 to VCC(min) and 100-µs wait time after VCC stabilization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com