Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1069G Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1069G
Description  16-Mbit (2M words 횞 8 bit) Static RAM with Error-Correcting Code (ECC)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1069G Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1069G Datasheet HTML 3Page - Cypress Semiconductor CY7C1069G Datasheet HTML 4Page - Cypress Semiconductor CY7C1069G Datasheet HTML 5Page - Cypress Semiconductor CY7C1069G Datasheet HTML 6Page - Cypress Semiconductor CY7C1069G Datasheet HTML 7Page - Cypress Semiconductor CY7C1069G Datasheet HTML 8Page - Cypress Semiconductor CY7C1069G Datasheet HTML 9Page - Cypress Semiconductor CY7C1069G Datasheet HTML 10Page - Cypress Semiconductor CY7C1069G Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Document Number: 001-81539 Rev. *J
Page 7 of 20
CY7C1069G
CY7C1069GE
Maximum Ratings
Exceeding maximum ratings may impair the useful life of the
device. These user guidelines are not tested.
Storage temperature ................................ –65
C to +150 C
Ambient temperature
with power applied ................................... –55
C to +125 C
Supply voltage
on VCC relative to GND ...............................–0.5 V to +6.0 V
DC voltage applied to outputs
in High Z State [7] ................................ –0.5 V to VCC + 0.5 V
DC input voltage [7] ............................. –0.5 V to VCC + 0.5 V
Current into outputs (LOW) ........................................ 20 mA
Static Discharge Voltage
(MIL-STD-883, Method 3015) ................................. > 2001 V
Latch up current ..................................................... > 140 mA
Operating Range
Grade
Ambient Temperature
VCC
Industrial
–40
C to +85 C
1.65 V to 2.2 V,
2.2 V to 3.6 V,
4.5 V to 5.5 V
DC Electrical Characteristics
Over the Operating Range of –40
C to 85 C
Parameter
Description
Test Conditions
10 ns / 15 ns
Unit
Min
Typ [8]
Max
VOH
Output HIGH
voltage
1.65 V to 2.2 V VCC = Min, IOH = –0.1 mA
1.4
–
–
V
2.2 V to 2.7 V
VCC = Min, IOH = –1.0 mA
2.0
–
–
2.7 V to 3.0 V
VCC = Min, IOH = –4.0 mA
2.2
–
–
3.0 V to 3.6 V
VCC = Min, IOH = –4.0 mA
2.4
–
–
4.5 V to 5.5 V
VCC = Min, IOH = –4.0 mA
2.4
–
–
4.5 V to 5.5 V
VCC = Min, IOH = –0.1 mA
VCC – 0.4 [9]
––
VOL
Output LOW
voltage
1.65 V to 2.2 V VCC = Min, IOL = 0.1 mA
–
–
0.2
V
2.2 V to 2.7 V
VCC = Min, IOL = 2 mA
–
–
0.4
2.7 V to 3.6 V
VCC = Min, IOL = 8 mA
–
–
0.4
4.5 V to 5.5 V
VCC = Min, IOL = 8 mA
–
–
0.4
VIH
Input HIGH
voltage
1.65 V to 2.2 V –
1.4
–
VCC + 0.2
V
2.2 V to 2.7 V
–
2.0
–
VCC + 0.3
2.7 V to 3.6 V
–
2.0
–
VCC + 0.3
4.5 V to 5.5 V
–
2.0
–
VCC + 0.5
VIL
Input LOW
voltage [7]
1.65 V to 2.2 V –
–0.2
–
0.4
V
2.2 V to 2.7 V
–
–0.3
–
0.6
2.7 V to 3.6 V
–
–0.3
–
0.8
4.5 V to 5.5 V
–
–0.5
–
0.8
IIX
Input leakage current
GND < VIN < VCC
–1.0
–
+1.0
A
IOZ
Output leakage current
GND < VOUT < VCC, Output disabled
–1.0
–
+1.0
A
ICC
Operating supply current
VCC = Max, IOUT = 0 mA,
CMOS levels
f = 100 MHz
–
90.0
110.0
mA
f = 66.7 MHz
–
70.0
80.0
ISB1
Automatic CE power down
current – TTL inputs
Max VCC, CE > VIH [10],
VIN > VIH or VIN < VIL, f = fMAX
–
–
40.0
mA
ISB2
Automatic CE power down
current – CMOS inputs
Max VCC, CE > VCC – 0.2 V [10],
VIN > VCC – 0.2 V or VIN < 0.2 V, f = 0
–
20.0 [8]
30.0
mA
Notes
7. VIL(min) = –2.0 V and VIH(max) = VCC + 2 V for pulse durations of less than 20 ns.
8. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = 1.8 V (for VCC range of 1.65 V–2.2 V), VCC =3V
(for VCC range of 2.2 V–3.6 V), and VCC = 5 V (for VCC range of 4.5 V–5.5 V), TA = 25 °C.
9. This parameter is guaranteed by design and is not tested.
10. For all dual chip enable devices, CE is the logical combination of CE1 and CE2. When CE1 is LOW and CE2 is HIGH, CE is LOW; when CE1 is HIGH or CE2 is LOW,
CE is HIGH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com