Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1069G Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1069G
Description  16-Mbit (2M words 횞 8 bit) Static RAM with Error-Correcting Code (ECC)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1069G Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1069G Datasheet HTML 5Page - Cypress Semiconductor CY7C1069G Datasheet HTML 6Page - Cypress Semiconductor CY7C1069G Datasheet HTML 7Page - Cypress Semiconductor CY7C1069G Datasheet HTML 8Page - Cypress Semiconductor CY7C1069G Datasheet HTML 9Page - Cypress Semiconductor CY7C1069G Datasheet HTML 10Page - Cypress Semiconductor CY7C1069G Datasheet HTML 11Page - Cypress Semiconductor CY7C1069G Datasheet HTML 12Page - Cypress Semiconductor CY7C1069G Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Document Number: 001-81539 Rev. *J
Page 9 of 20
CY7C1069G
CY7C1069GE
Data Retention Characteristics
Over the Operating Range of –40
C to 85 C
Parameter
Description
Conditions
Min
Max
Unit
VDR
VCC for data retention
–
1.0
–
V
ICCDR
Data retention current
VCC = VDR, CE > VCC – 0.2 V [13],
VIN > VCC – 0.2 V or VIN < 0.2 V
–30.0
mA
tCDR[14]
Chip deselect to data retention
time
–0
–
ns
tR[14, 15]
Operation recovery time
VCC > 2.2 V
10.0
–
ns
VCC < 2.2 V
15.0
–
ns
Data Retention Waveform
Figure 6. Data Retention Waveform [13]
tCDR
tR
VDR = 1.0 V
DATA RETENTION MODE
VCC(min)
VCC(min)
VCC
CE
Notes
13. For all dual chip enable devices, CE is the logical combination of CE1 and CE2. When CE1 is LOW and CE2 is HIGH, CE is LOW; when CE1 is HIGH or CE2 is LOW,
CE is HIGH.
14. This parameter is guaranteed by design and is not tested.
15. Full device operation requires linear VCC ramp from VDR to VCC(min.) > 100 s or stable at VCC(min.) > 100 s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com