Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1069G Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY7C1069G
Description  16-Mbit (2M words 횞 8 bit) Static RAM with Error-Correcting Code (ECC)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1069G Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY7C1069G Datasheet HTML 9Page - Cypress Semiconductor CY7C1069G Datasheet HTML 10Page - Cypress Semiconductor CY7C1069G Datasheet HTML 11Page - Cypress Semiconductor CY7C1069G Datasheet HTML 12Page - Cypress Semiconductor CY7C1069G Datasheet HTML 13Page - Cypress Semiconductor CY7C1069G Datasheet HTML 14Page - Cypress Semiconductor CY7C1069G Datasheet HTML 15Page - Cypress Semiconductor CY7C1069G Datasheet HTML 16Page - Cypress Semiconductor CY7C1069G Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Document Number: 001-81539 Rev. *J
Page 13 of 20
CY7C1069G
CY7C1069GE
Figure 10. Write Cycle No. 1 (CE Controlled) [30, 31, 32]
Figure 11. Write Cycle No. 2 (WE Controlled, OE Low) [30, 31, 32, 34]
Switching Waveforms (continued)
ADDRESS
CE
WE
DATA I/O
OE
tWC
tSCE
tAW
tSA
tPWE
tHA
tHD
tHZOE
tSD
DATAIN VALID
Note 33
ADDRESS
CE
DATA I/O
tWC
tSCE
tHD
tSD
tAW
tHA
tSA
tPWE
tLZWE
t HZWE
WE
DATAIN VALID
Note 33
Notes
30. For all dual chip enable devices, CE is the logical combination of CE1 and CE2. When CE1 is LOW and CE2 is HIGH, CE is LOW; when CE1 is HIGH or CE2 is LOW,
CE is HIGH.
31. The internal write time of the memory is defined by the overlap of WE = VIL, CE = VIL. These signals must be LOW to initiate a write, and the HIGH transition of any
of these signals can terminate the operation. The input data setup and hold timing should be referenced to the edge of the signal that terminates the write.
32. Data I/O is in high impedance state if CE = VIH, or OE = VIH.
33. During this time I/O are in output put state. Do not apply input signals.
34. The minimum write cycle width should be sum of tHZWE and tSD,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com