Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4258 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4258
Description  Quad IEEE 802.3af Power over Ethernet Controller with Integrated Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4258 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4258 Datasheet HTML 3Page - Linear Technology LTC4258 Datasheet HTML 4Page - Linear Technology LTC4258 Datasheet HTML 5Page - Linear Technology LTC4258 Datasheet HTML 6Page - Linear Technology LTC4258 Datasheet HTML 7Page - Linear Technology LTC4258 Datasheet HTML 8Page - Linear Technology LTC4258 Datasheet HTML 9Page - Linear Technology LTC4258 Datasheet HTML 10Page - Linear Technology LTC4258 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC4258
7
4258p
PI FU CTIO S
RESET (Pin 1): Chip Reset, Active Low. When the RESET
pin is low, the LTC4258 is held inactive with all ports off
and all internal registers reset to their power-up states.
When RESET is pulled high, the LTC4258 begins normal
operation. RESET can be connected to an external capaci-
tor or RC network to provide a power turn-on delay.
Internal filtering of the RESET pin prevents glitches less
than 1
µs wide from resetting the LTC4258. Pull RESET
high with
≤10k or tie to VDD.
BYP (Pin 2): Bypass Output. The BYP pin is used to
connect the internally generated – 20V supply to an exter-
nal 0.1
µF bypass capacitor. Use a 100V rated 0.1µF, X7R
capacitor. Do not connect the BYP pin to any other external
circuitry.
INT (Pin 3): Interrupt Output, Open Drain. INT will pull low
when any one of several events occur in the LTC4258. It
will return to a high impedance state when bits 6 or 7 are
set in the Reset PB register (1Ah). The INT signal can be
used to generate an interrupt to the host processor,
eliminating the need for continuous software polling.
Individual INT events can be disabled using the Int Mask
register (01h). See Register Functions and Applications
Information for more information. The INT pin is only
updated between I2C transactions.
SCL (Pin 4): Serial Clock Input. High impedance clock
input for the I2C serial interface bus. The SCL pin should
be connected directly to the I2C SCL bus line.
SDAOUT (Pin 5): Serial Data Output, Open Drain Data
Output for the I2C Serial Interface Bus. The LTC4258 uses
two pins to implement the bidirectional SDA function to
simplify optoisolation of the I2C bus. To implement a stan-
dard bidirectional SDA pin, tie SDAOUT and SDAIN together.
See Applications Information for more information.
SDAIN (Pin 6): Serial Data Input. High impedance data input
for the I2C serial interface bus. The LTC4258 uses two pins
to implement the bidirectional SDA function to simplify
optoisolation of the I2C bus. To implement a standard
bidirectional SDA pin, tie SDAOUT and SDAIN together.
See Applications Information for more information.
AD3 (Pin 7): Address Bit 3. Tie the address pins high or low
to set the I2C serial address to which the LTC4258 re-
sponds. This address will be (010A3A2A1A0)b. Pull AD3
high or low with
≤10k or tie to VDD or DGND.
AD2 (Pin 8): Address Bit 2. See AD3.
AD1 (Pin 9): Address Bit 1. See AD3.
AD0 (Pin 10): Address Bit 0. See AD3.
DETECT1 (Pin 11): Detect Sense, Port 1. The LTC4258
Powered Device (PD) detection, classification and AC
disconnect hardware monitors port 1 with this pin. Con-
nect DETECT1 to the output port via a low leakage diode
(see Figure 1).
DETECT2 (Pin 12): Detection Sense, Port 2. See DETECT1.
DETECT3 (Pin 13): Detection Sense, Port 3. See DETECT1.
DETECT4 (Pin 14): Detection Sense, Port 4. See DETECT1.
DGND (Pin 15): Digital Ground. DGND should be con-
nected to the return from the 3.3V supply. DGND and
AGND should be tied together.
VDD (Pin 16): Logic Power Supply. Connect to a 3.3V
power supply relative to DGND. VDD must be bypassed to
DGND near the LTC4258 with at least a 0.1
µF capacitor.
SHDN1 (Pin 17): Shutdown Port 1, Active Low. When
pulled low, SHDN1 shuts down port 1, regardless of the
state of the internal registers. Pulling SHDN1 low is
equivalent to setting the Reset Port 1 bit in the Reset
Pushbutton register (1Ah). Internal filtering of the SHDN1
pin prevents glitches less than 1
µs wide from reseting the
LTC4258. Pull SHDN1 high with
≤10k or tie to VDD.
SHDN2 (Pin 18): Shutdown Port 2, Active Low. See
SHDN1.
SHDN3 (Pin 19): Shutdown Port 3, Active Low. See
SHDN1.
SHDN4 (Pin 20): Shutdown Port 4, Active Low. See
SHDN1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com