Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4258 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4258
Description  Quad IEEE 802.3af Power over Ethernet Controller with Integrated Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4258 Datasheet(HTML) 2 Page - Linear Technology

  LTC4258 Datasheet HTML 1Page - Linear Technology LTC4258 Datasheet HTML 2Page - Linear Technology LTC4258 Datasheet HTML 3Page - Linear Technology LTC4258 Datasheet HTML 4Page - Linear Technology LTC4258 Datasheet HTML 5Page - Linear Technology LTC4258 Datasheet HTML 6Page - Linear Technology LTC4258 Datasheet HTML 7Page - Linear Technology LTC4258 Datasheet HTML 8Page - Linear Technology LTC4258 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC4258
2
4258p
Supply Voltages
VDD to DGND .......................................... – 0.3V to 5V
VEE to AGND ......................................... 0.3V to – 70V
DGND to AGND (Note 2) ....................................
±1V
Digital Pins
SCL, SDAIN, SDAOUT, INT, AUTO, RESET
SHDN
n, ADn ................. DGND – 0.3V to DGND + 5V
Analog Pins
GATE
n (Note 3) ................... VEE – 0.3V to VEE + 12V
DETECT
n ...................... DGND –20V to DGND +0.3V
SENSE
n ................................. VEE – 0.3V to VEE + 1V
OUT
n .................................... VEE – 70V to VEE + 70V
OSCIN .......................... DGND – 0.3V to DGND + 5V
BYP Current .................................................
±0.1mA
Operating Ambient Temperature Range ...... 0
°C to 70°C
Junction Temperature (Note 5) ............................ 150
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ORDER PART
NUMBER
TJMAX = 150°C, θJA = 80°C/W
LTC4258CGW
(Note 1)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Consult LTC Marketing for parts specified with wider operating temperature ranges.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
TOP VIEW
GW PACKAGE
36-LEAD PLASTIC SSOP
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
RESET
BYP
INT
SCL
SDAOUT
SDAIN
AD3
AD2
AD1
AD0
DETECT1
DETECT2
DETECT3
DETECT4
DGND
VDD
SHDN1
SHDN2
NC
AUTO
OUT1
GATE1
SENSE1
OUT2
GATE2
SENSE2
VEE
OUT3
GATE3
SENSE3
OUT4
GATE4
SENSE4
AGND
SHDN4
SHDN3
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. AGND = DGND = 0V, VDD = 3.3V, VEE = –48V unless otherwise noted
(Note 5).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supplies
VDD
VDD Supply Voltage
q
3
3.3
4
V
VEE
VEE Supply Voltage
To Maintain IEEE Compliant Output (Note 6)
q
–48
–57
V
IDD
VDD Supply Current
q
2.5
5
mA
IEE
VEE Supply Current
Normal Operation
q
–2
–5
mA
During Classification Into Short (VDETECTn = 0V)
q
85
mA
VDDMIN
VDD UVLO Voltage
2.7
V
VEEMINON
VEE UVLO Voltage (Turning On)
VEE – AGND
–31
V
VEEMINOFF VEE UVLO Voltage (Turning Off)
VEE – AGND
–28
V
Detection
IDET
Detection Current
First Point, VDETECTn = –10V
q
235
300
µA
Second Point, VDETECTn = –3.5V
q
145
190
µA
VDET
Detection Voltage Compliance
Open Circuit, Measured at DETECT
n Pin
q
–20
–23
V
RDETMIN
Minimum Valid Signature Resistance
q
15.2
17
19
k
Ω
RDETMAX
Maximum Valid Signature Resistance
q
26.7
29
33
k
Ω
Classification
VCLASS
Classification Voltage
0mA < ICLASS < 31mA
q
–16.4
–21
V
ICLASS
Classification Current Compliance
Into Short (VDETECT = 0V)
q
55
75
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com