Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4258 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4258
Description  Quad IEEE 802.3af Power over Ethernet Controller with Integrated Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4258 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4258 Datasheet HTML 17Page - Linear Technology LTC4258 Datasheet HTML 18Page - Linear Technology LTC4258 Datasheet HTML 19Page - Linear Technology LTC4258 Datasheet HTML 20Page - Linear Technology LTC4258 Datasheet HTML 21Page - Linear Technology LTC4258 Datasheet HTML 22Page - Linear Technology LTC4258 Datasheet HTML 23Page - Linear Technology LTC4258 Datasheet HTML 24Page - Linear Technology LTC4258 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC4258
21
4258p
Figure 15. Optoisolating the I2C Bus
APPLICATIO S I FOR ATIO
4258 F15
VDD
INT
SCL
SDAIN
SDAOUT
AD0
AD1
AD2
AD3
DGND
AGND
LTC4258
BYP
VDD
INT
SCL
SDAIN
SDAOUT
AD0
AD1
AD2
AD3
DGND
AGND
LTC4258
VDD
INT
SCL
SDAIN
SDAOUT
AD0
AD1
AD2
AD3
DGND
AGND
LTC4258
VDD
INT
SCL
SDAIN
SDAOUT
AD0
AD1
AD2
AD3
DGND
AGND
LTC4258
VDD
INT
SCL
SDAIN
SDAOUT
AD0
AD1
AD2
AD3
DGND
AGND
LTC4258
•
•
•
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
+
10
µF
2k
2k
0.1
µF
0.1
µF
0.1
µF
BYP
0.1
µF
BYP
0.1
µF
BYP
0.1
µF
BYP
0.1
µF
200
Ω
200
Ω
200
Ω
200
Ω
U2
U3
U1
HCPL-063L
HCPL-063L
VDD CPU
SCL
SDA
SMBALERT
GND CPU
U1: FAIRCHILD NC7WZ17
U2, U3: AGILENT HCPL-063L
TO
CONTROLLER
ISOLATED
3.3V
ISOLATED
GND
0100000
0100001
0100010
0101110
0101111
I2C ADDRESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com