Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4258 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4258
Description  Quad IEEE 802.3af Power over Ethernet Controller with Integrated Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4258 Datasheet(HTML) 1 Page - Linear Technology

  LTC4258 Datasheet HTML 1Page - Linear Technology LTC4258 Datasheet HTML 2Page - Linear Technology LTC4258 Datasheet HTML 3Page - Linear Technology LTC4258 Datasheet HTML 4Page - Linear Technology LTC4258 Datasheet HTML 5Page - Linear Technology LTC4258 Datasheet HTML 6Page - Linear Technology LTC4258 Datasheet HTML 7Page - Linear Technology LTC4258 Datasheet HTML 8Page - Linear Technology LTC4258 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC4258
1
4258p
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Controls Four Independent – 48V Powered
Ethernet Ports
s
Each Port Includes:
– IEEE 802
®.3af Compliant PD Detection and
Classification
– Output Current Limit with Foldback
– Short-Circuit Protection with Fast Gate Pull-Down
– PD Disconnect Using DC Sensing
– Power Good Indication
s
Operates Autonomously or Controlled by I2C
TM
Serial Interface
s
4-Bit Programmable Digital Address Allows Control
of Up to 64 Ports
s
Programmable INT Pin Eliminates Software Polling
s
Current and Duty Cycle Limits Protect External FETs
Quad IEEE 802.3af
Power over Ethernet Controller
with Integrated Detection
s
IEEE 802.3af Compliant Endpoint and Midspan
Power Sources
s
IP Phone Systems
s
DTE Power Distribution
The LTC
®4258 is a quad –48V Hot SwapTM controller de-
signed for use in IEEE 802.3af compliant Power
Sourcing Equipment (PSE). It consists of four independent
ports, each with output current limit, short-circuit protec-
tion, complete Powered Device (PD) detection and classi-
fication capability, and programmable PD disconnect using
AC or DC sensing. Used with power MOSFETs and passives
as in Figure 1, the LTC4258 can implement a complete IEEE
802.3af-compliant PSE.
The LTC4258 can operate autonomously or be controlled by
an I2C serial interface. Up to 16 LTC4258s may coexist on
the same data bus, allowing up to 64 powered Ethernet ports
to be controlled with only two digital lines. Fault conditions
are optionally signaled with the INT pin to eliminate software
polling.
External power MOSFETs, current sense resistors and di-
odes allow easy scaling of current and power dissipation
levels and provide protection against voltage and current
spikes and ESD events.
The LTC4258 is available in a 36-pin SSOP package.
Linear Technology also provides solutions for 802.3af PD
applications with the LTC4257 and LTC4257-1.
Hot Swap is a trademark of Linear Technology Corporation. 802 is a registered trademark of
Instutute of Electrical and Electronics Engineers, Inc. I2C is a trademark of Philips Electronics N.V.
Figure 1. Complete 4-Port Powered Ethernet Power Source
DGND
AD3
RS1 TO RS4: 0.5
Ω
Q1 TO Q4: IRFM120A
AD2
AD1
AD0
SDAOUT
SDAIN
SCL
DETECT4
DETECT3
DETECT1
DETECT2
AGND
INT
–48V
VEE
SHDN1
SENSE1
RS1
RS2
RS3
RS4
GATE1
Q1
Q2
Q3
Q4
CMPD3003
×4
10k
10k
10k
10k
OUT1
OUT2
OUT3
OUT4
4258 F01
SMAJ58A
×4
0.1
µF 100V
×4
OUT1 SENSE2 GATE2
LTC4258
OUT2 SENSE3 GATE3 OUT3 SENSE4 GATE4 OUT4
SHDN2 SHDN3 SHDN4
VDD
3.3V
0.1
µF
AUTO BYP
RESET
0.1
µF
100V X7R
0.1
µF
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
Electrical Specifications Subject to Change


Similar Part No. - LTC4258

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4258 LINER-LTC4258 Datasheet
383Kb / 28P
Quad IEEE 802.3af Power over Ethernet Controller with Integrated Detection
LTC4258 LINER-LTC4258 Datasheet
374Kb / 30P
Quad IEEE 802.3at Power over Ethernet Controller
LTC4258 LINER-LTC4258 Datasheet
671Kb / 28P
Single PoE PSE Controller High Capacitance Legacy Device Detection
LTC4258 LINER-LTC4258 Datasheet
504Kb / 42P
Synchronous No-Opto Flyback Controller
LTC4258 LINER-LTC4258 Datasheet
337Kb / 24P
Single IEEE 802.3af Compliant PSE Controller with Internal Switch
More results

Similar Description - LTC4258

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5940A MAXIM-MAX5940A Datasheet
295Kb / 15P
IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
logo
Linear Technology
LTC4259A LINER-LTC4259A Datasheet
326Kb / 32P
Quad IEEE 802.3af Power over Ethernet Controller with AC Disconnect
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
IEEE 802.3af PD Power over Ethernet Interface Controller
LTC4258 LINER-LTC4258_09 Datasheet
383Kb / 28P
Quad IEEE 802.3af Power over Ethernet Controller with Integrated Detection
LTC4259A-1 LINER-LTC4259A-1 Datasheet
421Kb / 32P
Quad IEEE 802.3af Power over Ethernet Controller with AC Disconnect
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
IEEE 802.3af PD Power over Ethernet Interface Controller
LTC4258 LINER-LTC4258_15 Datasheet
389Kb / 28P
Quad IEEE 802.3af Power over Ethernet Controller with Integrated Detection
LTC4259A LINER-LTC4259A_15 Datasheet
419Kb / 32P
Quad IEEE 802.3af Power over Ethernet Controller with AC Disconnect
LTC4259A-1 LINER-LTC4259A-1_15 Datasheet
427Kb / 32P
Quad IEEE 802.3af Power over Ethernet Controller with AC Disconnect
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940 Datasheet
248Kb / 15P
IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com