Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4258 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4258
Description  Quad IEEE 802.3af Power over Ethernet Controller with Integrated Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4258 Datasheet(HTML) 4 Page - Linear Technology

  LTC4258 Datasheet HTML 1Page - Linear Technology LTC4258 Datasheet HTML 2Page - Linear Technology LTC4258 Datasheet HTML 3Page - Linear Technology LTC4258 Datasheet HTML 4Page - Linear Technology LTC4258 Datasheet HTML 5Page - Linear Technology LTC4258 Datasheet HTML 6Page - Linear Technology LTC4258 Datasheet HTML 7Page - Linear Technology LTC4258 Datasheet HTML 8Page - Linear Technology LTC4258 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC4258
4
4258p
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. AGND = DGND = 0V, VDD = 3.3V, VEE = –48V unless otherwise noted
(Note 5).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tSTART
Maximum Current Limit Duration During
tSTART1 = 0, tSTART0 = 0 (Figure 3)
q
50
60
70
ms
Port Start-Up
tSTART1 = 0, tSTART0 = 1
q
25
30
35
ms
tSTART1 = 1, tSTART0 = 0
q
100
120
140
ms
tSTART1 = 1, tSTART0 = 1
q
200
240
280
ms
tICUT
Maximum Current Limit Duration After
tICUT1 = 0, tICUT0 = 0 (Figure 3)
q
50
60
70
ms
Port Start-Up
tICUT1 = 0, tICUT0 = 1
q
25
30
35
ms
tICUT1 = 1, tICUT0 = 0
q
100
120
140
ms
tICUT1 = 1, tICUT0 = 1
q
200
240
280
ms
DCCLMAX
Maximum Current Limit Duty Cycle
Reg16h = 00h
q
5.8
6.3
6.7
%
tDIS
Disconnect Delay
tDIS1 = 0, tDIS0 = 0 (Figure 4)
q
300
360
400
ms
tDIS1 = 0, tDIS0 = 1
q
75
90
100
ms
tDIS1 = 1, tDIS0 = 0
q
150
180
200
ms
tDIS1 = 1, tDIS0 = 1
q
600
720
800
ms
tVMIN
DC Disconnect Minimum Pulse
VSENSEn – VEE > 5mV, VOUTn = –48V (Figure 4)
q
0.02
1
ms
Width Sensitivity
(Note 8)
I2C Timing
fSCLK
Clock Frequency
(Note 8)
q
400
kHz
t1
Bus Free Time
Figure 5 (Notes 8, 9)
q
1.3
µs
t2
Start Hold Time
Figure 5 (Notes 8, 9)
q
600
ns
t3
SCL Low Time
Figure 5 (Notes 8, 9)
q
1.3
µs
t4
SCL High Time
Figure 5 (Notes 8, 9)
q
600
ns
t5
Data Hold Time
Figure 5 (Notes 8, 9)
q
150
ns
t6
Data Set-Up Time
Figure 5 (Notes 8, 9)
q
200
ns
t7
Start Set-Up Time
Figure 5 (Notes 8, 9)
q
600
ns
t8
Stop Set-Up Time
Figure 5 (Notes 8, 9)
q
600
ns
tr
SCL, SDAIN Rise Time
Figure 5 (Notes 8, 9)
q
20
300
ns
tf
SCL, SDAIN Fall Time
Figure 5 (Notes 8, 9)
q
20
150
ns
tFLTINT
Fault Present to INT Pin Low
(Notes 8, 9, 10)
q
20
150
ns
tSTOPINT
Stop Condition to INT Pin Low
(Notes 8, 9, 10)
q
60
200
ns
tARAINT
ARA to INT Pin High Time
(Notes 8, 9)
q
20
300
ns
Note 6: The LTC4258 is designed to maintain a port voltage of –46.6V to
–57V and the VEE supply voltage range accounts for the drop across the
diode, MOSFET and sense resistor.
Note 7: The LTC4258 implements overload current detection per IEEE
802.3af. The minimum overload current (ICUT) is dependent on port
voltage; ICUT_MIN = 15.4W/VPORT_MIN. An IEEE compliant system using the
LTC4258 should maintain port voltage above –46.6V.
Note 8: Guaranteed by design, not subject to test.
Note 9: Values measured at VILD and VIHD.
Note 10: If fault occurs during an I2C transaction, the INT pin will not be
pulled down until a stop condition is present on the I2C bus.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: DGND and AGND should be tied together in normal operation.
Note 3: An internal clamp limits the GATE pins to a minimum of 12V above
VEE. Driving this pin beyond the clamp may damage the part.
Note 4: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. Junction
temperature will exceed 125
°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 5: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to ground (AGND and DGND)
unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com