Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLWB Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TLWB
Description  TELUX LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLWB Datasheet(HTML) 5 Page - Vishay Siliconix

  TLWB Datasheet HTML 1Page - Vishay Siliconix TLWB Datasheet HTML 2Page - Vishay Siliconix TLWB Datasheet HTML 3Page - Vishay Siliconix TLWB Datasheet HTML 4Page - Vishay Siliconix TLWB Datasheet HTML 5Page - Vishay Siliconix TLWB Datasheet HTML 6Page - Vishay Siliconix TLWB Datasheet HTML 7Page - Vishay Siliconix TLWB Datasheet HTML 8Page - Vishay Siliconix TLWB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TLWB / BG / O / R / TG / W / Y7900
Document Number 83144
Rev. 1.8, 14-Jan-05
Vishay Semiconductors
www.vishay.com
5
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Figure 1. Power Dissipation vs. Ambient Temperature
Figure 2. Forward Current vs. Ambient Temperature
Figure 3. Power Dissipation vs. Ambient Temperature for InGaN
0
25
50
75
100
125
150
175
200
0
20406080
100
120
Tamb – Ambient Temperature ( C )
15982
RthJA=200K/W
Red
0
20
40
60
80
100
0
20406080
100
120
Tamb – Ambient Temperature ( C )
15983
RthJA=200K/W
Red
0
25
50
75
100
125
150
175
200
225
250
Tamb - Ambient Temperature (
°C)
16066
RthJA = 200 K/W
080
20
40
60
100
120
Figure 4. Forward Current vs. Ambient Temperature for InGaN
Figure 5. Forward Current vs. Pulse Length
Figure 6. Rel. Luminous Intensity vs. Angular Displacement
0
10
20
30
40
50
60
16067
Tamb - Ambient Temperature ( ° C)
080
20
40
60
100
120
RthJA = 200 K/W
0.01
0.11
10
1
10
100
1000
10000
tp – Pulse Length(ms)
100
16010
tp/T=0.01
0.02
0.05
0.1
0.2
1
0.5
Tamb 85
°C
Red,Softorange,
Yellow
16200
0.40.20
0.20.4
0.6
0.6
0.9
0
°
30
°
10
°
20
°
40
°
50
°
60
°
70
°
80
°
1.0
0.8
0.7
Angular Displacement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com