Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLWB Datasheet(PDF) 8 Page - Vishay Siliconix

Part # TLWB
Description  TELUX LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLWB Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button TLWB Datasheet HTML 4Page - Vishay Siliconix TLWB Datasheet HTML 5Page - Vishay Siliconix TLWB Datasheet HTML 6Page - Vishay Siliconix TLWB Datasheet HTML 7Page - Vishay Siliconix TLWB Datasheet HTML 8Page - Vishay Siliconix TLWB Datasheet HTML 9Page - Vishay Siliconix TLWB Datasheet HTML 10Page - Vishay Siliconix TLWB Datasheet HTML 11Page - Vishay Siliconix TLWB Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
www.vishay.com
8
Document Number 83144
Rev. 1.8, 14-Jan-05
TLWB / BG / O / R / TG / W / Y7900
Vishay Semiconductors
Figure 19. Specific Luminous Flux vs. Forward Current
Figure 20. Relative Luminous Flux vs. Forward Current
Figure 21. Relative Intensity vs. Wavelength
0.1
1.0
1
10
100
IF - Forward Current ( mA )
15981
Yellow
0.01
0.1
1
10
1
10
100
IF - Forward Current ( mA )
15979
Yellow
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
540 550 560 570 580 590 600 610 620 630 640
λ - Wavelength(nm)
16008
Yellow
Figure 22. Dominant Wavelength vs. Forward Current
Figure 23. Forward Current vs. Forward Voltage
Figure 24. Rel. Luminous Flux vs. Ambient Temperature
16435
590.0
590.5
591.0
591.5
592.0
Yellow
70
60
50
40
30
20
10
0
IF - Forward Current ( mA )
0
10
20
30
40
50
60
70
80
90
100
2.53.03.54.04.55.05.5
VF - Forward Current(V)
16037
True Green
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
16056
IF =50mA
True Green
Tamb – Ambient Temperature (
°C)
-40
-20
0
20
40
60
80
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com