Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLWB Datasheet(PDF) 12 Page - Vishay Siliconix

Part # TLWB
Description  TELUX LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLWB Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button TLWB Datasheet HTML 6Page - Vishay Siliconix TLWB Datasheet HTML 7Page - Vishay Siliconix TLWB Datasheet HTML 8Page - Vishay Siliconix TLWB Datasheet HTML 9Page - Vishay Siliconix TLWB Datasheet HTML 10Page - Vishay Siliconix TLWB Datasheet HTML 11Page - Vishay Siliconix TLWB Datasheet HTML 12Page - Vishay Siliconix TLWB Datasheet HTML 13Page - Vishay Siliconix TLWB Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
www.vishay.com
12
Document Number 83144
Rev. 1.8, 14-Jan-05
TLWB / BG / O / R / TG / W / Y7900
Vishay Semiconductors
Figure 43. Specific Luminous Flux vs. Forward Current
Figure 44. Relative Luminous Flux vs. Forward Current
Figure 45. Relative Intensity vs. Wavelength
0.1
1.0
1
10
100
IF - Forward Current ( mA )
16063
White
0.01
0.10
1.00
10.00
1
10
100
16064
White
IF - Forward Current ( mA )
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
400 450 500 550 600 650 700 750 800
- Wavelength ( nm )
16071
IF =50mA
White
λ
Figure 46. Chromaticity Coordinate Shift vs. Forward Current
0.315
0.320
0.325
0.330
0.335
0.340
0.345
16198
X
Y
IF - Forward Current ( mA )
White
060
50
40
30
20
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com