Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLWB Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TLWB
Description  TELUX LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLWB Datasheet(HTML) 4 Page - Vishay Siliconix

  TLWB Datasheet HTML 1Page - Vishay Siliconix TLWB Datasheet HTML 2Page - Vishay Siliconix TLWB Datasheet HTML 3Page - Vishay Siliconix TLWB Datasheet HTML 4Page - Vishay Siliconix TLWB Datasheet HTML 5Page - Vishay Siliconix TLWB Datasheet HTML 6Page - Vishay Siliconix TLWB Datasheet HTML 7Page - Vishay Siliconix TLWB Datasheet HTML 8Page - Vishay Siliconix TLWB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.vishay.com
4
Document Number 83144
Rev. 1.8, 14-Jan-05
TLWB / BG / O / R / TG / W / Y7900
Vishay Semiconductors
Blue green
TLWBG7900
Blue
TLWB7900
White
TLWW7900
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Total flux
IF = 50 mA, RthJA = 200 °K/W
φ
V
400
700
1250
mlm
Luminous intensity/Total flux
IF = 50 mA, RthJA = 200 °K/W
IV/φV
0.7
mcd/mlm
Dominant wavelength
IF = 50 mA, RthJA = 200 °K/W
λ
d
492
505
510
nm
Peak wavelength
IF = 50 mA, RthJA = 200 °K/W
λ
p
503
nm
Angle of half intensity
IF = 50 mA, RthJA = 200 °K/W
ϕ
± 45
deg
Total included angle
90 % of Total Flux Captured
ϕ
100
deg
Forward voltage
IF = 50 mA, RthJA = 200 °K/W
VF
4.2
4.7
V
Reverse voltage
IR = 10 µAVR
510
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
Temperature coefficient of
λ
dom
IF = 30 mA
TC
λ
dom
0.02
nm/K
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Total flux
IF = 50 mA, RthJA = 200 °K/W
φ
V
200
330
630
mlm
Luminous intensity/Total flux
IF = 50 mA, RthJA = 200 °K/W
IV/φV
0.7
mcd/mlm
Dominant wavelength
IF = 50 mA, RthJA = 200 °K/W
λ
d
462
470
476
nm
Peak wavelength
IF = 50 mA, RthJA = 200 °K/W
λ
p
460
nm
Angle of half intensity
IF = 50 mA, RthJA = 200 °K/W
ϕ
± 45
deg
Total included angle
90 % of Total Flux Captured
ϕ
100
deg
Forward voltage
IF = 50 mA, RthJA = 200 °K/W
VF
4.3
4.7
V
Reverse voltage
IR = 10 µAVR
510
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
Temperature coefficient of
λ
dom
IF = 30 mA
TC
λ
dom
0.03
nm/K
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Total flux
IF = 50 mA, RthJA = 200 °K/W
φ
V
400
650
1250
mlm
Luminous intensity/Total flux
IF = 50 mA, RthJA = 200 °K/W
IV/φV
0.7
mcd/mlm
Color temperature
IF = 50 mA, RthJA = 200 °K/W
TK
5500
K
Angle of half intensity
IF = 50 mA, RthJA = 200 °K/W
ϕ
± 45
deg
Total included angle
90 % of Total Flux Captured
ϕ
100
deg
Forward voltage
IF = 50 mA, RthJA = 200 °K/W
VF
4.3
5.1
V
Reverse voltage
IR = 10 µAVR
510
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com