Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLWB Datasheet(PDF) 11 Page - Vishay Siliconix

Part # TLWB
Description  TELUX LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLWB Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button TLWB Datasheet HTML 6Page - Vishay Siliconix TLWB Datasheet HTML 7Page - Vishay Siliconix TLWB Datasheet HTML 8Page - Vishay Siliconix TLWB Datasheet HTML 9Page - Vishay Siliconix TLWB Datasheet HTML 10Page - Vishay Siliconix TLWB Datasheet HTML 11Page - Vishay Siliconix TLWB Datasheet HTML 12Page - Vishay Siliconix TLWB Datasheet HTML 13Page - Vishay Siliconix TLWB Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TLWB / BG / O / R / TG / W / Y7900
Document Number 83144
Rev. 1.8, 14-Jan-05
Vishay Semiconductors
www.vishay.com
11
Figure 37. Specific Luminous Flux vs. Forward Current
Figure 38. Relative Luminous Flux vs. Forward Current
Figure 39. Relative Intensity vs. Wavelength
0.1
1.0
1
10
100
IF - Forward Current ( mA )
16041
Blue
0.01
0.10
1.00
10.00
1
10
100
IF - Forward Current ( mA )
16042
Blue
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
400 420 440 460 480 500 520 540 560
λ - Wavelength(nm)
16069
Blue
Figure 40. Dominant Wavelength vs. Forward Current
Figure 41. Forward Current vs. Forward Voltage
Figure 42. Rel. Luminous Flux vs. Ambient Temperature
16299
469
470
471
472
473
Blue
50
40
30
20
10
0
IF - Forward Current ( mA )
0
10
20
30
40
50
60
70
80
90
100
2.53.03.54.04.55.05.5
VF - Forward Voltage (V)
16062
White
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-40
-20
0
20
40
60
80
100
16065
IF =50mA
White
Tamb - Ambient Temperature ( ° C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com