Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSLU Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # MSLU
Description  1500VDC I/O Isolation Single and Dual Outputs 1 Watt DC/DC Converters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

MSLU Datasheet(HTML) 1 Page - Wall Industries,Inc.

  MSLU Datasheet HTML 1Page - Wall Industries,Inc. MSLU Datasheet HTML 2Page - Wall Industries,Inc. MSLU Datasheet HTML 3Page - Wall Industries,Inc. MSLU Datasheet HTML 4Page - Wall Industries,Inc. MSLU Datasheet HTML 5Page - Wall Industries,Inc. MSLU Datasheet HTML 6Page - Wall Industries,Inc. MSLU Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 7
MSLU Series
1500VDC I/O Isolation
Single and Dual Outputs
1 Watt DC/DC Converters
Rev A
FEATURES
● RoHS Compliant
● MTBF > 2,000,000 Hours
● Efficiency up to 80%
● Internal SMT Construction
● 1500VDC I/O Isolation
● UL94V-0 Packing Material
● Single and Dual Outputs
● Operating Temperature: -25°C to +75°C
DESCRIPTION
The MSLU series power modules are 1W DC/DC converters in a miniature “gull-wing” SMT package. These converters operate over input
voltage ranges of 4.5~5.5VDC, 10.8~13.2VDC, and 21.6~26.4VDC. This series also has single and dual output voltages of 3.3, 5, 9, 12,
15, ±5, ±12, and ±15VDC. These converters’ impressive efficiencies enable them to deliver their fully rated output power from –25°C to
+75°C without a heatsink or forced-air cooling. These converters are useful for a variety of applications including distributed power
systems, data communication equipment, telecommunication equipment, and industrial robot systems.
SPECIFICATIONS: MSLU Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT (Vin)
Input Voltage Range
5V nominal input models
4.5
5
5.5
VDC
12V nominal input models
10.8
12
13.2
24V nominal input models
21.6
24
26.4
Reverse Polarity Input Current
All models
0.3
A
Input Surge Voltage (1000ms)
5V nominal input models
-0.7
9
VDC
12V nominal input models
-0.7
18
24V nominal input models
-0.7
30
Input Filter
All models
Internal Capacitor
OUTPUT (Vo)
Output Voltage
See Model Selection Table
Output Voltage Balance
Dual Output, Balanced Loads
±0.1
±1.0
%
Load Regulation
Io = 20% to 100%
See Model Selection Table
Line Regulation
For Vin Change of 10%
±1.2
±1.5
%
Output Power
1
W
Output Current
See Model Selection Table
Ripple & Noise (20MHz)
60
120
mVpk-pk
Ripple & Noise (20MHz)
Over Line, Over Load, and Over Temperature
150
mVpk-pk
Ripple & Noise (20MHz)
15
mVrms
PROTECTION
Short Circuit Protection
0.5 seconds max.
Input Fuse Recommendation
5V nominal input models
500mA slow-blow type
12V nominal input models
200mA slow-blow type
24V nominal input models
100mA slow-blow type
GENERAL
Efficiency
See Model Selection Table
Switching Frequency
50
100
140
KHz
Isolation Voltage Rated (See Note 6)
60 seconds
1500
VDC
Isolation Voltage Test
Flash Test for 1 second
1650
VDC
Isolation Resistance
500VDC
1
GΩ
Isolation Capacitance
100KHz, 1V
40
100
pF
Internal Power Dissipation
450
mW
Max. Capacitive Load
See Model Selection Table
Moisture Sensitivity Level (MSL) Temperature
IPC/JEDEC J-STD-20
Level 2
ENVIRONMENTAL
Operating Temperature (Ambient)
Ambient
-25
+75
°C
Operating Temperature (Case)
Case
-25
+90
°C
Storage Temperature
-25
+125
°C
Lead Temperature
1.5mm from case for 10 seconds
260
°C
Humidity
95
%
Cooling
Free air convection
Temperature Coefficient
±0.01
±0.02
%/°C
MTBF
MIL-HDBK-217F @ 25°C, Ground Benign
2,000,000 hours
PHYSICAL
Weight
Single Output Models
0.06oz (1.7g)
Dual Output Models
0.07oz (2.0g)
Dimensions (L x W x H)
Single Output Models
0.54 x 0.31 x 0.26 inches (13.7 x 8.0 x 6.7 mm)
Dual Output Models
0.64 x 0.31 x 0.26 inches (16.24 x 8.0 x 6.7 mm)
Case Material
Non-conductive black plastic
Flammability
UL94V-0


Similar Part No. - MSLU

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
MSLU02 WALL-MSLU02 Datasheet
769Kb / 5P
2 Watt DC/DC Power Converters
logo
Minmax Technology Co., ...
MSLU100 MINMAX-MSLU100 Datasheet
196Kb / 8P
1W, Miniature SMD, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MSLU100 TOTAL-POWER-MSLU100 Datasheet
419Kb / 5P
SMD Package with Industry Standard Pinout
logo
MIC GROUP RECTIFIERS
MSLU100 MIC-MSLU100_11 Datasheet
277Kb / 5P
DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
logo
Minmax Technology Co., ...
MSLU100 MINMAX-MSLU100_15 Datasheet
644Kb / 6P
DC/DC CONVERTER 1W, SMD-Package
More results

Similar Description - MSLU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MAU101 ETC-MAU101 Datasheet
69Kb / 6P
1 Watt Ultra Miniature SIP DC/DC Converters (Single and Dual Outputs)
logo
Total Power Internation...
MAU100 TOTAL-POWER-MAU100 Datasheet
309Kb / 6P
1 Watt Ultra Miniature SIP DC/DC Converters Single and Dual Outputs
logo
Wall Industries,Inc.
LANEH2 WALL-LANEH2 Datasheet
158Kb / 3P
3KVDC I/O Isolation Single and Dual Output 2 Watt DC/DC Converter
KR WALL-KR Datasheet
96Kb / 3P
Single and Dual Outputs 6 Watt DC/DC Converters
LANER WALL-LANER Datasheet
156Kb / 3P
Single Output 1KVDC I/O Isolation 1 Watt DC/DC Converter
MSLUH WALL-MSLUH Datasheet
168Kb / 5P
3000VDC I/O Isolation Single and Dual Outputs 1 Watt DC/DC Converters
JR5S5-2000 WALL-JR5S5-2000_18 Datasheet
531Kb / 8P
10 Watt DC/DC Power Converters Single and Dual Outputs
MDHU100 WALL-MDHU100 Datasheet
189Kb / 6P
4000VAC I/O Isolation Single and Dual Outputs 2 Watt Medical DC/DC Converter
ME12S5-1000W WALL-ME12S5-1000W Datasheet
175Kb / 6P
5600VDC I/O Isolation Single and Dual Outputs 5~6 Watt Medical DC/DC Converter
CRW WALL-CRW Datasheet
355Kb / 5P
40 Watt DC/DC Power Converters Single and Dual Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com