Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSLU Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # MSLU
Description  1500VDC I/O Isolation Single and Dual Outputs 1 Watt DC/DC Converters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

MSLU Datasheet(HTML) 2 Page - Wall Industries,Inc.

  MSLU Datasheet HTML 1Page - Wall Industries,Inc. MSLU Datasheet HTML 2Page - Wall Industries,Inc. MSLU Datasheet HTML 3Page - Wall Industries,Inc. MSLU Datasheet HTML 4Page - Wall Industries,Inc. MSLU Datasheet HTML 5Page - Wall Industries,Inc. MSLU Datasheet HTML 6Page - Wall Industries,Inc. MSLU Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 7
MSLU Series
1500VDC I/O Isolation
Single and Dual Outputs
1 Watt DC/DC Converters
Rev A
MODEL SELECTION TABLES
SINGLE OUTPUT MODELS
Model Number
Input Voltage
Output
Voltage
Output Current(1)
Input Current
Max. Load
Regulation
Efficiency(2)
Maximum
Capacitive Load
Min
Max
No Load
Max Load
MSLU5S33-300
5 VDC
(4.5 ~ 5.5 VDC)
3.3 VDC
6mA
300mA
30mA
271mA
10%
73%
33µF
MSLU5S05-200
5 VDC
4mA
200mA
256mA
10%
78%
33µF
MSLU5S09-110
9 VDC
2mA
110mA
254mA
10%
78%
33µF
MSLU5S12-84
12 VDC
1.5mA
84mA
259mA
8%
78%
33µF
MSLU5S15-67
15 VDC
1mA
67mA
254mA
7%
79%
33µF
MSLU12S33-300
12 VDC
(10.8 ~ 13.2 VDC)
3.3 VDC
6mA
300mA
15mA
112mA
8%
74%
33µF
MSLU12S05-200
5 VDC
4mA
200mA
109mA
8%
76%
33µF
MSLU12S09-110
9 VDC
2mA
110mA
106mA
8%
78%
33µF
MSLU12S12-84
12 VDC
1.5mA
84mA
106mA
5%
79%
33µF
MSLU12S15-67
15 VDC
1mA
67mA
105mA
5%
80%
33µF
MSLU24S33-300
24 VDC
(21.6 ~ 26.4 VDC)
3.3 VDC
6mA
300mA
8mA
58mA
8%
72%
33µF
MSLU24S05-200
5 VDC
4mA
200mA
54mA
8%
78%
33µF
MSLU24S09-110
9 VDC
2mA
110mA
54mA
8%
77%
33µF
MSLU24S12-84
12 VDC
1.5mA
84mA
55mA
5%
77%
33µF
MSLU24S15-67
15 VDC
1mA
67mA
53mA
5%
79%
33µF
DUAL OUTPUT MODELS
Model Number
Input Voltage
Output
Voltage
Output Current(1)
Input Current
Max. Load
Regulation
Efficiency(2)
Maximum
Capacitive Load
Min
Max
No Load
Max Load
MSLU5D05-100
5 VDC
(4.5 ~ 5.5 VDC)
±5 VDC
±2mA
±100mA
30mA
270mA
10%
74%
33µF
MSLU5D12-42
±12 VDC
±0.8mA
±42mA
259mA
8%
78%
33µF
MSLU5D15-33
±15 VDC
±0.7mA
±33mA
254mA
7%
78%
33µF
MSLU12D05-100
12 VDC
(10.8 ~ 13.2 VDC)
±5 VDC
±2mA
±100mA
15mA
113mA
8%
74%
33µF
MSLU12D12-42
±12 VDC
±0.8mA
±42mA
108mA
5%
78%
33µF
MSLU12D15-33
±15 VDC
±0.7mA
±33mA
104mA
5%
79%
33µF
MSLU24D05-100
24 VDC
(21.6 ~ 26.4 VDC)
±5 VDC
±2mA
±100mA
9mA
57mA
8%
73%
33µF
MSLU24D12-42
±12 VDC
±0.8mA
±42mA
54mA
5%
78%
33µF
MSLU24D15-33
±15 VDC
±0.7mA
±33mA
53mA
5%
78%
33µF
*Due to advances in technology, specifications subject to change without notice.
NOTES
1. The MSLU series requires a minimum output loading to maintain specified regulations. Operation under no-load conditions
will not damage these devices; however they may not meet all listed specifications.
2. Efficiency: typical value measured at max load.
3. All DC/DC converters should be externally fused at the front end for protection.
4. Other input and output voltages may be available, please contact factory.
5. It is not recommended to use water-washing processes on surface mount units.
6. For 3000VDC I/O isolation voltage see the MSLUH series.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com