Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSLU Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # MSLU
Description  1500VDC I/O Isolation Single and Dual Outputs 1 Watt DC/DC Converters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

MSLU Datasheet(HTML) 5 Page - Wall Industries,Inc.

  MSLU Datasheet HTML 1Page - Wall Industries,Inc. MSLU Datasheet HTML 2Page - Wall Industries,Inc. MSLU Datasheet HTML 3Page - Wall Industries,Inc. MSLU Datasheet HTML 4Page - Wall Industries,Inc. MSLU Datasheet HTML 5Page - Wall Industries,Inc. MSLU Datasheet HTML 6Page - Wall Industries,Inc. MSLU Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 5 of 7
MSLU Series
1500VDC I/O Isolation
Single and Dual Outputs
1 Watt DC/DC Converters
Rev A
Single Output
Top View (2.54mm / 0.1 inch grids)
Dual Output
MECHANICAL DRAWING
CONNECTING PIN PATTERNS
Unit: inches [mm]
1. Tolerance: X.XX±0.01 [X.X±0.25]
X.XXX±0.004 [X.XX±0.10]
2. Pin: ±0.002 [±0.05]
PIN CONNECTIONS
Pin
Single Output
Dual Output
1
-Vin
-Vin
2
+Vin
+Vin
3
No Pin
No Pin
4
-Vout
Common
5
+Vout
-Vout
6
No Pin
No Pin
7
No Pin
+Vout
8
NA
No Pin
9
No Pin
10
NA
NA: Not available for electrical connection
0.30 [7.62]
0.06 [1.6]
0.10 [2.54]
0.04 [1.0] min
0.12
[3.04]
0.10
[2.54] 0.2 [5.08]
0.10
[2.54]
0.08 [2.1]
Ø 0.04 [1.0]
10
7
1
2
4
5
0.024 [0.6]
0.64 [16.24]
0.62 [15.85]
0.61 [15.55]
(Magnification of A)
0.15
SEATING PLANE
0.31 [8.0]
0.3C
0.06 [1.5±0.1]
0.43 [11.0±0.2]
0.22 [5.5]
0.22 [5.5]
0.06
[1.5±0.1]
0.30 [7.62]
0.06 [1.6]
0.10 [2.54]
0.04 [1.0] min
(Magnification of A)
8
5
1
2
4
Ø 0.04 [1.0]
0.08 [2.1]
0.12
[3.04]
0.10
[2.54]
0.2 [5.08]
0.54 [13.7]
0.52 [13.3]
0.51 [13.0]
0.024 [0.6]
0.06 [1.5±0.1]
0.3C
0.31 [8.0]
0.22 [5.5]
0.22 [5.5]
0.06
[1.5±0.1]
0.43 [11.0±0.2]
0.15
SEATING PLANE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com