Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSLU Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # MSLU
Description  1500VDC I/O Isolation Single and Dual Outputs 1 Watt DC/DC Converters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

MSLU Datasheet(HTML) 4 Page - Wall Industries,Inc.

  MSLU Datasheet HTML 1Page - Wall Industries,Inc. MSLU Datasheet HTML 2Page - Wall Industries,Inc. MSLU Datasheet HTML 3Page - Wall Industries,Inc. MSLU Datasheet HTML 4Page - Wall Industries,Inc. MSLU Datasheet HTML 5Page - Wall Industries,Inc. MSLU Datasheet HTML 6Page - Wall Industries,Inc. MSLU Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 4 of 7
MSLU Series
1500VDC I/O Isolation
Single and Dual Outputs
1 Watt DC/DC Converters
Rev A
Tolerance Envelope Graph (3.3V & 5V Outputs)
Tolerance Envelope Graph (All Other Outputs)
DERATING CURVE
+20%
+15%
+10%
+5%
Vnom
-5%
-10%
0%
20%
40%
60%
80%
100%
Output Load Current (%)
+20%
+15%
+10%
+5%
Vnom
-5%
-10%
Max.
Typ.
Min.
+20%
+15%
+10%
+5%
Vnom
-5%
-10%
+20%
+15%
+10%
+5%
Vnom
-5%
-10%
0%
20%
40%
60%
80%
100%
Output Load Current (%)
100LFM
400LFM
200LFM
Natural
Convection
~
100
80
60
40
20
0
-25
50
60
70
80
90
100
110
Ambient Temperature (°C)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com