Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSLU Datasheet(PDF) 6 Page - Wall Industries,Inc.

Part # MSLU
Description  1500VDC I/O Isolation Single and Dual Outputs 1 Watt DC/DC Converters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

MSLU Datasheet(HTML) 6 Page - Wall Industries,Inc.

  MSLU Datasheet HTML 1Page - Wall Industries,Inc. MSLU Datasheet HTML 2Page - Wall Industries,Inc. MSLU Datasheet HTML 3Page - Wall Industries,Inc. MSLU Datasheet HTML 4Page - Wall Industries,Inc. MSLU Datasheet HTML 5Page - Wall Industries,Inc. MSLU Datasheet HTML 6Page - Wall Industries,Inc. MSLU Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 6 of 7
MSLU Series
1500VDC I/O Isolation
Single and Dual Outputs
1 Watt DC/DC Converters
Rev A
DESIGN & FEATURE CONSIDERATIONS
Input Source Impedance
The power module should be connected to a low ac-impedance input source. Highly inductive source impedances can affect
the stability of the power module. In applications where power is supplied over long lines and output loading is high, it may be
necessary to use a capacitor at the input to ensure startup. A capacitor mounted close to the power module helps ensure
stability of the unit. It is recommended to use a good qualit
y low Equivalent Series Resistance (ESR < 1.0Ω at 100KHz)
capacitor of 2.2μF for the 5V input models, a 1.0μF for the 12V input models, and a 0.47μF for the 24V input models.
+
+Out
-Out
+Vin
-Vin
DC / DC
Converter
Load
DC Power
Source
+
-
Cin
Maximum Capacitive Load
The MSLU series has a limit of maximum connected capacitance at the output. The power module may be operated in
current limiting mode during start-up, affecting the ramp-up and the startup time. For optimal performance we recommend a
maximum load of 33µF.
TEST CONFIGURATIONS
Input Reflected-Ripple Current Test Setup
Input reflected-ripple current is measured with an inductor Lin (4.7µH) a
nd Cin (220µF, ESR < 1.0Ω at 100KHz) to simulate
source impedance.
Capacitor Cin offsets possible battery impedance.
Current ripple is measured at the input terminals of the module. Measurement bandwidth is 0-500 KHz.
+Out
-Out
+Vin
-Vin
DC / DC
Converter
Load
Battery
+
Lin
+
Cin
To Oscilloscope
Current
Probe
Peak-to-Peak Output Noise Measurement Test
Use a Cout 0.33μF ceramic capacitor.
Scope measurement should be made by using a BNC socket; measurement bandwidth is 0 ~ 20MHz. Position the load
between 50mm and 75mm from the DC/DC Converter.
+Out
-Out
+Vin
-Vin
Single Output
DC / DC
Converter
Resistive
Load
Scope
Copper Strip
Cout
+Out
-Out
+Vin
-Vin
Dual Output
DC / DC
Converter
Resistive
Load
Scope
Copper Strip
Cout
Com.
Scope
Cout



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com