Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSLUH Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # MSLUH
Description  3000VDC I/O Isolation Single and Dual Outputs 1 Watt DC/DC Converters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

MSLUH Datasheet(HTML) 1 Page - Wall Industries,Inc.

  MSLUH Datasheet HTML 1Page - Wall Industries,Inc. MSLUH Datasheet HTML 2Page - Wall Industries,Inc. MSLUH Datasheet HTML 3Page - Wall Industries,Inc. MSLUH Datasheet HTML 4Page - Wall Industries,Inc. MSLUH Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 5
MSLUH Series
3000VDC I/O Isolation
Single and Dual Outputs
1 Watt DC/DC Converters
Rev B
FEATURES
● Low Cost
● MTBF > 2,000,000 Hours
● RoHS Compliant
● Internal SMT Construction
● Efficiency up to 81%
● UL94V-0 Packing Material
● 3000VDC I/O Isolation
● Operating Temperature: -25°C to +75°C
● Single and Dual Outputs
● 5, 12, and 24VDC Input Voltages Available
DESCRIPTION
The MSLUH series power modules are 1W DC/DC converters that are specially designed to provide high levels of isolation (3000VDC) in a
miniature “gull-wing” SMT package. These converters operate over input voltage ranges of 4.5~5.5VDC, 10.8~13.2VDC, and
21.6~26.4VDC. This series also has single and dual output voltages of 3.3, 5, 12, 15, ±5, ±12, and ±15VDC. These converters impressive
efficiencies enable them to deliver their fully rated output power from –25°C to +75°C without a heat sink or forced-air cooling. These
converters are useful for a variety of applications including distributed power systems, data communication equipment, telecommunication
equipment, and industrial robot systems.
SPECIFICATIONS: MSLUH Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT (Vin)
Input Voltage Range
5V nominal input models
4.5
5
5.5
VDC
12V nominal input models
10.8
12
13.2
24V nominal input models
21.6
24
26.4
Reverse Polarity Input Current
All models
0.3
A
Input Surge Voltage (1000ms)
5V nominal input models
-0.7
9
VDC
12V nominal input models
-0.7
18
24V nominal input models
-0.7
30
Input Filter
All models
Internal Capacitor
OUTPUT (Vo)
Output Voltage
See Model Selection Table
Output Voltage Balance
Dual Output, Balanced Loads
±0.1
±1.0
%
Load Regulation
Io = 20% to 100%
See Model Selection Table
Line Regulation
For Vin Change of 1%
±1.2
±1.5
%
Output Power
1
W
Output Current
See Model Selection Table
Ripple & Noise (20MHz)
75
100
mVpk-pk
Ripple & Noise (20MHz)
Over Line, Over Load, and Over Temperature
150
mVpk-pk
Ripple & Noise (20MHz)
15
mVrms
PROTECTION
Short Circuit Protection
0.5 seconds max.
Input Fuse Recommendation
5V nominal input models
500mA slow-blow type
12V nominal input models
200mA slow-blow type
24V nominal input models
100mA slow-blow type
GENERAL
Efficiency
See Model Selection Table
Switching Frequency
50
100
150
KHz
Isolation Voltage Rated (See Note 6)
60 seconds
3000
VDC
Isolation Voltage Test
Flash Test for 1 second
3300
VDC
Isolation Resistance
500VDC
10
GΩ
Isolation Capacitance
100KHz, 1V
60
100
pF
Internal Power Dissipation
550
mW
Max. Capacitive Load
See Model Selection Table
ENVIRONMENTAL
Operating Temperature (Ambient)
Ambient
-25
+75
°C
Operating Temperature (Case)
Case
-25
+90
°C
Storage Temperature
-25
+125
°C
Lead Temperature
1.5mm from case for 10 seconds
300
°C
Humidity
95
%
Cooling
Free air convection
Temperature Coefficient
±0.01
±0.02
%/°C
MTBF
MIL-HDBK-217F @ 25°C, Ground Benign
2,000,000 hours
PHYSICAL
Weight
0.07oz (2g)
Dimensions (L x W x H)
0.64 x 0.31 x 0.30 inches
16.3 x 8.0 x 7.67 mm
Case Material
Non-conductive black plastic
Flammability
UL94V-0


Similar Part No. - MSLUH

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
MSLU WALL-MSLU Datasheet
222Kb / 7P
1500VDC I/O Isolation Single and Dual Outputs 1 Watt DC/DC Converters
MSLU02 WALL-MSLU02 Datasheet
769Kb / 5P
2 Watt DC/DC Power Converters
logo
Minmax Technology Co., ...
MSLU100 MINMAX-MSLU100 Datasheet
196Kb / 8P
1W, Miniature SMD, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MSLU100 TOTAL-POWER-MSLU100 Datasheet
419Kb / 5P
SMD Package with Industry Standard Pinout
logo
MIC GROUP RECTIFIERS
MSLU100 MIC-MSLU100_11 Datasheet
277Kb / 5P
DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
More results

Similar Description - MSLUH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12D-XXS05N ETC1-12D-XXS05N Datasheet
68Kb / 1P
3000VDC SINGLE AND DUAL OUTPDC 1 WATT DC-DCCONVERTER
logo
CET Technology, LLC
CT-12D-1W CETTECHNOLOGY-CT-12D-1W Datasheet
774Kb / 2P
3000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
CT-12D-2W CETTECHNOLOGY-CT-12D-2W Datasheet
688Kb / 2P
3000Vdc Isolation Single & Dual Output 2 Watt Dc-Dc Converter
CT-12D-3W CETTECHNOLOGY-CT-12D-3W Datasheet
691Kb / 2P
3000Vdc Isolation Single Output 3 Watt Dc-Dc Converter
CT-13D1-1W CETTECHNOLOGY-CT-13D1-1W Datasheet
485Kb / 2P
3000Vdc Isolation Single Output 1 Watt Dc-Dc Converter
CT-13DS1 CETTECHNOLOGY-CT-13DS1 Datasheet
397Kb / 2P
3000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
logo
Wall Industries,Inc.
LANER WALL-LANER Datasheet
156Kb / 3P
Single Output 1KVDC I/O Isolation 1 Watt DC/DC Converter
MSLU WALL-MSLU Datasheet
222Kb / 7P
1500VDC I/O Isolation Single and Dual Outputs 1 Watt DC/DC Converters
MDHU100 WALL-MDHU100 Datasheet
189Kb / 6P
4000VAC I/O Isolation Single and Dual Outputs 2 Watt Medical DC/DC Converter
ME12S5-1000W WALL-ME12S5-1000W Datasheet
175Kb / 6P
5600VDC I/O Isolation Single and Dual Outputs 5~6 Watt Medical DC/DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com