Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSLUH Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # MSLUH
Description  3000VDC I/O Isolation Single and Dual Outputs 1 Watt DC/DC Converters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

MSLUH Datasheet(HTML) 2 Page - Wall Industries,Inc.

  MSLUH Datasheet HTML 1Page - Wall Industries,Inc. MSLUH Datasheet HTML 2Page - Wall Industries,Inc. MSLUH Datasheet HTML 3Page - Wall Industries,Inc. MSLUH Datasheet HTML 4Page - Wall Industries,Inc. MSLUH Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 5
MSLUH Series
3000VDC I/O Isolation
Single and Dual Outputs
1 Watt DC/DC Converters
Rev B
MODEL SELECTION TABLES
SINGLE OUTPUT MODELS
Model Number
Input Voltage
Output
Voltage
Output Current(1)
Input Current
Max. Load
Regulation
Efficiency(2)
Maximum
Capacitive Load
Min
Max
No Load
Max Load
MSLU5S33-260H
5 VDC
(4.5 ~ 5.5 VDC)
3.3 VDC
5mA
260mA
30mA
238mA
10%
72%
33µF
MSLU5S05-200H
5 VDC
4mA
200mA
267mA
10%
75%
33µF
MSLU5S12-84H
12 VDC
2mA
84mA
255mA
7%
79%
4.7µF
MSLU5S15-67H
15 VDC
1.5mA
67mA
251mA
7%
80%
4.7µF
MSLU12S33-260H
12 VDC
(10.8 ~ 13.2 VDC)
3.3 VDC
5mA
260mA
15mA
98mA
10%
73%
33µF
MSLU12S05-200H
5 VDC
4mA
200mA
110mA
8%
76%
33µF
MSLU12S12-84H
12 VDC
2mA
84mA
105mA
5%
80%
4.7µF
MSLU12S15-67H
15 VDC
1.5mA
67mA
103mA
5%
81%
4.7µF
MSLU24S33-260H
24 VDC
(21.6 ~ 26.4 VDC)
3.3 VDC
5mA
260mA
8mA
51mA
10%
70%
33µF
MSLU24S05-200H
5 VDC
4mA
200mA
57mA
8%
73%
33µF
MSLU24S12-84H
12 VDC
2mA
84mA
53mA
5%
79%
4.7µF
MSLU24S15-67H
15 VDC
1.5mA
67mA
53mA
5%
79%
4.7µF
DUAL OUTPUT MODELS
Model Number
Input Voltage
Output
Voltage
Output Current(1)
Input Current
Max. Load
Regulation
Efficiency(2)
Maximum
Capacitive Load
Min
Max
No Load
Max Load
MSLU5D05-100H
5 VDC
(4.5 ~ 5.5 VDC)
±5 VDC
±2
±100
30mA
267mA
10%
75%
10µF
MSLU5D12-42H
±12 VDC
±0.8
±42
255mA
7%
79%
2.2µF
MSLU5D15-34H
±15 VDC
±0.7
±34
255mA
7%
80%
2.2µF
MSLU12D05-100H
12 VDC
(10.8 ~ 13.2 VDC)
±5 VDC
±2
±100
15mA
110mA
8%
76%
10µF
MSLU12D12-42H
±12 VDC
±0.8
±42
105mA
5%
80%
2.2µF
MSLU12D15-34H
±15 VDC
±0.7
±34
106mA
5%
80%
2.2µF
MSLU24D05-100H
24 VDC
(21.6 ~ 26.4 VDC)
±5 VDC
±2
±100
8mA
57mA
8%
73%
10µF
MSLU24D12-42H
±12 VDC
±0.8
±42
53mA
5%
79%
2.2µF
MSLU24D15-34H
±15 VDC
±0.7
±34
54mA
5%
79%
2.2µF
NOTES
1. The MSLUH series requires a minimum output loading to maintain specified regulations. Operation under no-load
conditions will not damage these devices; however they may not meet all listed specifications.
2. Efficiency: typical value measured at full load.
3. All DC/DC converters should be externally fused at the front end for protection.
4. Other input and output voltages may be available, please contact factory.
5. It is not recommended to use water-washing processes on surface mount units.
6. For 1500VDC I/O isolation voltage see the MSLU series.
*Due to advances in technology, specifications are subject to change without notice.
BLOCK DIAGRAMS
Single Output
Dual Output
+Vo
Bipolar
Push-Pull
Inverter
+Vin
-Vin
-Vo
+Vo
Bipolar
Push-Pull
Inverter
+Vin
-Vin
Com.
-Vo



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com