Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSLUH Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # MSLUH
Description  3000VDC I/O Isolation Single and Dual Outputs 1 Watt DC/DC Converters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

MSLUH Datasheet(HTML) 4 Page - Wall Industries,Inc.

  MSLUH Datasheet HTML 1Page - Wall Industries,Inc. MSLUH Datasheet HTML 2Page - Wall Industries,Inc. MSLUH Datasheet HTML 3Page - Wall Industries,Inc. MSLUH Datasheet HTML 4Page - Wall Industries,Inc. MSLUH Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 4 of 5
MSLUH Series
3000VDC I/O Isolation
Single and Dual Outputs
1 Watt DC/DC Converters
Rev B
DESIGN & FEATURE CONSIDERATONS
Input Source Impedance
The power module should be connected to a low ac-impedance input source. Highly inductive source impedances can affect
the stability of the power module. In applications where power is supplied over long lines and output loading is high, it may be
necessary to use a capacitor at the input to ensure startup. A capacitor mounted close to the power module helps ensure
stability of the unit, it is recommended to use a good quality low Equivalent Series Resistance (
ESR < 1.0Ω at 100KHz)
capacitor of 2.2μF for the 5V input models, a 1.0μF for the 12V input models, and a 0.47μF for the 24V input models.
+
+Out
-Out
+Vin
-Vin
DC / DC
Converter
Load
DC Power
Source
+
-
Cin
Maximum Capacitive Load
The MSLUH series has a limit of maximum connected capacitance at the output. The power module may be operated in
current limiting mode during start-up, affecting the ramp-up and the startup time. The maximum capacitance can be found in
the Model Selection Table.
TEST CONFIGURATIONS
Peak-to-Peak Output Noise Measurement Test
Use a Cout 0.33μF ceramic capacitor.
Scope measurement should be made by using a BNC socket; measurement bandwidth is 0 ~ 20MHz. Position the load
between 50mm and 75mm from the DC/DC Converter.
+Out
-Out
+Vin
-Vin
Single Output
DC / DC
Converter
Resistive
Load
Scope
Copper Strip
Cout
+Out
-Out
+Vin
-Vin
Dual Output
DC / DC
Converter
Resistive
Load
Scope
Copper Strip
Cout
Com.
Scope
Cout
Output Ripple Reduction
A good quality low ESR capacitor placed as close as possible across the load will give the best ripple and noise performance.
To reduce output ripple, it is recommended to use 1.0μF capacitors at the output.
+Out
-Out
+Vin
-Vin
Load
DC Power
Source
+
-
Cout
Single Output
DC / DC
Converter
+Out
-Out
+Vin
-Vin
Load
DC Power
Source
+
-
Cout
Com.
Dual Output
DC / DC
Converter
Copper Strip
Copper Strip
Copper Strip



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com