Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSLUH Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # MSLUH
Description  3000VDC I/O Isolation Single and Dual Outputs 1 Watt DC/DC Converters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

MSLUH Datasheet(HTML) 5 Page - Wall Industries,Inc.

  MSLUH Datasheet HTML 1Page - Wall Industries,Inc. MSLUH Datasheet HTML 2Page - Wall Industries,Inc. MSLUH Datasheet HTML 3Page - Wall Industries,Inc. MSLUH Datasheet HTML 4Page - Wall Industries,Inc. MSLUH Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 5 of 5
MSLUH Series
3000VDC I/O Isolation
Single and Dual Outputs
1 Watt DC/DC Converters
Rev B
Thermal Considerations
Many conditions affect the thermal performance of the power module, such as orientation, airflow over the module, and board
spacing. To avoid exceeding the maximum temperature rating of the components inside the power module, the case
temperature must be kept below 90°C. The derating curves are determined from measurements obtained in an experimental
apparatus.
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 40 years. Our in-house research and development
engineers will provide a solution that exceeds your performance requirements on time and on budget. Our ISO9001-2008
certification is just one example of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working
closely with its customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to
provide ongoing support for your project above and beyond the design and production phases. Give us a call today to
discuss your future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)587-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
5 Watson Brook Rd.
Exeter, NH 03833



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com