Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSLUH Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # MSLUH
Description  3000VDC I/O Isolation Single and Dual Outputs 1 Watt DC/DC Converters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

MSLUH Datasheet(HTML) 3 Page - Wall Industries,Inc.

  MSLUH Datasheet HTML 1Page - Wall Industries,Inc. MSLUH Datasheet HTML 2Page - Wall Industries,Inc. MSLUH Datasheet HTML 3Page - Wall Industries,Inc. MSLUH Datasheet HTML 4Page - Wall Industries,Inc. MSLUH Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 5
MSLUH Series
3000VDC I/O Isolation
Single and Dual Outputs
1 Watt DC/DC Converters
Rev B
Tolerance Envelope Graph (3.3V & 5V Outputs)
Tolerance Envelope Graph (All Other Outputs)
3.3V & 5V output types.
0%
20%
40%
60%
80%
100%
Output Load Current (%)
Max.
Typ.
+5%
+10%
+15%
Vnom
-5%
-10%
+20%
+5%
+10%
+15%
Vnom
-5%
-10%
+20%
Min.
0%
20%
40%
60%
80%
100%
Output Load Current (%)
Max.
Typ.
All other types.
+5%
+10%
+15%
Vnom
-5%
-10%
+20%
+5%
+10%
+15%
Vnom
-5%
-10%
+20%
Min.
MECHANICAL DRAWING
Unit: mm [inches]
1
2
3
5
6
12
11
10
8
7
2.54
[0.100]
5.08
[0.200]
( Magnification of A )
1.5 0.1
[0.06 0.004]
5.5
[0.22]
11.0 0.2
[0.43 0.008]
1.5 0.1
[0.06 0.004]
0.6 [0.02]
15.6 [0.61]
15.9 [0.63]
5.5
[0.22]
1.8
[0.07]
2.54
[0.100]
2.54
[0.100]
16.3
[0.64]
{
{
{
{
{
{
1. Tolerance: X.X±0.25 [X.XX±0.01]
X.XX±0.13 [X.XXX±0.005]
2. Pin: ±0.05 [±0.002]
PIN CONNECTIONS
Pin
Single Output
Dual Output
1
-Vin
-Vin
2
+Vin
+Vin
3
NA
NA
5
-Vout
Common
6
NA
-Vout
7
NA
NA
8
+Vout
+Vout
10
NA
NA
11
NA
NA
12
NA
NA
NA: Not available for electrical connection
2.54mm
1.0mm Min.
5.08mm
1.9mm
±
±
±
±
±
±



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com