Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPA100H-RUW Datasheet(PDF) 6 Page - Recom International Power

Part # RPA100H-RUW
Description  100 Watt Half Brick Single Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPA100H-RUW Datasheet(HTML) 6 Page - Recom International Power

Back Button RPA100H-RUW_18 Datasheet HTML 2Page - Recom International Power RPA100H-RUW_18 Datasheet HTML 3Page - Recom International Power RPA100H-RUW_18 Datasheet HTML 4Page - Recom International Power RPA100H-RUW_18 Datasheet HTML 5Page - Recom International Power RPA100H-RUW_18 Datasheet HTML 6Page - Recom International Power RPA100H-RUW_18 Datasheet HTML 7Page - Recom International Power RPA100H-RUW_18 Datasheet HTML 8Page - Recom International Power RPA100H-RUW_18 Datasheet HTML 9Page - Recom International Power RPA100H-RUW_18 Datasheet HTML 10Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.recom-power.com
REV.: 1/2018
PB-6
DC/DC Converter
Specifications (measured @ Ta = 25°C, nom. Vin (110V), full load and after warm-up unless otherwise stated)
RPA100H-RUW
Series
PROTECTION
Parameter
Condition
Value
Over Voltage Protection (OVP)
110-130%, automatic recovery
Over Current Protection (OCP)
hiccup mode, automatic recovery
Over Temperature Protection (OTP)
@ tc point
+105°C, automatic recovery after cooling down
Isolation Voltage (7)
I/P to O/P,
O/P to baseplate
rated for 1
minute
12, 15, 24Vout
4.242kVDC
48Vout
3kVDC
Isolation Resistance
10M
Ω typ.
Isolation Capacitance
500pF
Leakage Current
0.42mA
Insulation Grade
reinforced
Notes:
Note7: For repeat Hi-Pot testing, reduce the time and/or the test voltage
Note8: An input fuse is required if the mains supply is not over-current protected. Recommended fuse T20A slow blow type
RPA100H-11048SRUW
Accuracy vs. Load
Output Current [A]
0
0
2
1
-1
0.8
0.2
-0.2
0.4
-0.4
-0.6
-0.8
0.6
4
6
8
8.5
72V
110V
140V
16.5V
24V
36V
48V
Output Current [A]
0
2
4
6
6.7
0
1
-1
0.8
0.2
-0.2
0.4
-0.4
-0.6
-0.8
0.6
72V
110V
140V
16.5V
24V
36V
48V
Output Current [A]
0
2
1
3
4 4.2
0
1
-1
0.8
0.2
-0.2
0.4
-0.4
-0.6
-0.8
0.6
72V
110V
140V
16.5V
24V
36V
48V
Output Current [A]
0
1
0.5
1.5
2 2.1
0
1
-1
0.8
0.2
-0.2
0.4
-0.4
-0.6
-0.8
0.6
72V
110V
140V
16.5V
24V
36V
48V
RPA100H-11024SRUW
RPA100H-11015SRUW
RPA100H-11012SRUW



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com