Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPA100H-RUW Datasheet(PDF) 2 Page - Recom International Power

Part # RPA100H-RUW
Description  100 Watt Half Brick Single Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPA100H-RUW Datasheet(HTML) 2 Page - Recom International Power

  RPA100H-RUW_18 Datasheet HTML 1Page - Recom International Power RPA100H-RUW_18 Datasheet HTML 2Page - Recom International Power RPA100H-RUW_18 Datasheet HTML 3Page - Recom International Power RPA100H-RUW_18 Datasheet HTML 4Page - Recom International Power RPA100H-RUW_18 Datasheet HTML 5Page - Recom International Power RPA100H-RUW_18 Datasheet HTML 6Page - Recom International Power RPA100H-RUW_18 Datasheet HTML 7Page - Recom International Power RPA100H-RUW_18 Datasheet HTML 8Page - Recom International Power RPA100H-RUW_18 Datasheet HTML 9Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.recom-power.com
REV.: 1/2018
PB-2
DC/DC Converter
Specifications (measured @ Ta = 25°C, nom. Vin (110V), full load and after warm-up unless otherwise stated)
RPA100H-RUW
Series
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Quiescent Current
Vin = 110V
12, 15, 24Vout
48Vout
30mA
50mA
60mA
80mA
90mA
150mA
Output Voltage Trimming
-20%
+10%
Minimum Load
0%
Start-up Time
200ms
460ms
Rise Time
Vout from 10% to 90%
50ms
100ms
ON/OFF Control (6)
Positive Logic
DC-DC ON
DC-DC OFF
Open or 3 < Vr < 5VDC
Short or 0 < Vr < 0.4VDC
Negative Logic
DC-DC ON
DC-DC OFF
Short or 0 < Vr < 0.4VDC
Open or 3 < Vr < 5VDC
Input Current of CTRL pin
DC-DC ON
DC-DC OFF
0.1mA
0.1mA
0.2mA
0.1mA
Standby Current
20mA
Internal Operating Frequency
140kHz
Output Ripple & Noise
20MHz BW limited
250mVp-p
Remote Sense (6)
±10%
continued on next page
Efficiency vs. Output Current
Efficiency vs. Output Current
RPA100H-11012SRUW
RPA100H-11015SRUW
16.5V
24V
36V
48V
72V
110V
140V
Output Current [%]
0
0
10
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
Output Current [A]
0
0
2
2
3
4
4
5
6
6
7
8
8 8.5
10
12
14
16
18
20
1
16.5V
24V
36V
48V
72V
110V
140V
Output Current [A]
0
0
4
2
6
10
8
12
14
16
4
2
6
6.7
16.5V
24V
36V
48V
72V
110V
140V
16.5V
24V
36V
48V
72V
110V
140V
Output Current [%]
0
0
10
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
Notes:
Note6: see page PB-5
Power Dissipation vs. Output Current
Power Dissipation vs. Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com