Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPA100H-RUW Datasheet(PDF) 5 Page - Recom International Power

Part # RPA100H-RUW
Description  100 Watt Half Brick Single Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPA100H-RUW Datasheet(HTML) 5 Page - Recom International Power

  RPA100H-RUW_18 Datasheet HTML 1Page - Recom International Power RPA100H-RUW_18 Datasheet HTML 2Page - Recom International Power RPA100H-RUW_18 Datasheet HTML 3Page - Recom International Power RPA100H-RUW_18 Datasheet HTML 4Page - Recom International Power RPA100H-RUW_18 Datasheet HTML 5Page - Recom International Power RPA100H-RUW_18 Datasheet HTML 6Page - Recom International Power RPA100H-RUW_18 Datasheet HTML 7Page - Recom International Power RPA100H-RUW_18 Datasheet HTML 8Page - Recom International Power RPA100H-RUW_18 Datasheet HTML 9Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.recom-power.com
REV.: 1/2018
PB-5
DC/DC Converter
Specifications (measured @ Ta = 25°C, nom. Vin (110V), full load and after warm-up unless otherwise stated)
RPA100H-RUW
Series
EXTERNAL CAPACITOR
ON/OFF CONTROL
REMOTE SENSE
R1
-Vin
+Vin
+Vout
-Vout
CTRL
C1
Q1
R1
Ext. Cap.
+Vout
-Vout
-Vin
Hold Up Circuit
D1
C1
C2
+Vin
+Vout
-Vout
UVLO
-Vin
R1
C1
24Vin
36Vin
48Vin
72Vin
96Vin
110Vin
For 10ms
2400µF
2400µF
2400µF
2400µF
820µF
560µF
For 30ms
7200µF
7200µF
7200µF
7200µF
2460µF
1680µF
A 240µF/200V capacitor (C2) is required for normal operation.
To meet power supply interruptions, an external circuit comprised of a capacitor (C1),
a 100
Ω/10W resistor (R1) and a diode (D1) is required.
+Vout
+Vin
-Vin
-Vout
(GND)
+Sense
RW1
RW2
R1
R2
-Sense
Trim
RW1 ... wire losses +
RW2 ... wire losses -
R1 ... trim up resistor
R2 ... trim down resistor
The output voltage can be adjusted by both trim and remote sense. The
maximum combined adjustment range is ±10%. Derate the maximum
output power if using the trim or sense function to increase the output
voltage.
R1
-Vin
+Vin
+Vout
-Vout
CTRL
C1
Q1
R1
Ext. Cap.
+Vout
-Vout
-Vin
Hold Up Circuit
D1
C1
C2
+Vin
+Vout
-Vout
UVLO
-Vin
R1
For negative logic, if the remote on/off feature is not used, short the on/off pin to -Vin.
For positive logic, if the remote on/off feature is not used, leave the on/off pin floating.
REGULATION
Parameter
Condition
Value
Output Accuracy
±1.0% max.
Line Regulation
Vin = 16.5 to 140V, Io = full load
±0.01% typ. to ±0.2% max.
Load Regulation
10 - 90% load
±0.05% typ. to ±0.2% max.
Transient Response
25% load step change
12Vout
450mV/40µs typ.
15Vout
450mV/30µs typ.
24Vout
500mV/20µs typ.
48Vout
600mV/10µs typ.
continued on next page



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com