Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPA100H-RUW Datasheet(PDF) 1 Page - Recom International Power

Part # RPA100H-RUW
Description  100 Watt Half Brick Single Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPA100H-RUW Datasheet(HTML) 1 Page - Recom International Power

  RPA100H-RUW_18 Datasheet HTML 1Page - Recom International Power RPA100H-RUW_18 Datasheet HTML 2Page - Recom International Power RPA100H-RUW_18 Datasheet HTML 3Page - Recom International Power RPA100H-RUW_18 Datasheet HTML 4Page - Recom International Power RPA100H-RUW_18 Datasheet HTML 5Page - Recom International Power RPA100H-RUW_18 Datasheet HTML 6Page - Recom International Power RPA100H-RUW_18 Datasheet HTML 7Page - Recom International Power RPA100H-RUW_18 Datasheet HTML 8Page - Recom International Power RPA100H-RUW_18 Datasheet HTML 9Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RPA100H-RUW
DC/DC Converter
www.recom-power.com
REV.: 1/2018
PB-1
3 YEAR
warranty
3
E224736
Description
The half-brick RPA100H series DC/DC converter is designed for railway rolling stock and high voltage
battery applications. It has a 10:1 input voltage range to cover all input voltages from nominal 24VDC
up to 110VDC in a single product (including EN50155 transients) and offers isolated and regulated
12V, 15V, 24V or 48VDC outputs. The converter has a consistently high efficiency over the entire
input voltage range and comes with a metal baseplate to permit a wide operating temperature range
from -40°C to +97°C (when baseplate cooled). The case is fitted with threaded inserts to allow
secure mounting to the PCB or bulkhead for use in high shock and vibration environments.
The converter is certified to UL/IEC/EN60950 and comes with a three year warranty.
Features
Regulated
Converter
• 10:1 ultra wide input voltage range
• 3kVAC/1 minute reinforced insulation
• UL/IEC/EN60950-1 certified
• CE marked, CB report
• Efficiency up to 93%
• -40°C to +97°C baseplate temperature range
100 Watt
Half Brick
Single Output
Selection Guide
Part Number
Input
Output
Output
Efficiency
Max. Capacitive
Voltage Range (1)
Voltage
Current
typ. (2)
Load (3)
[VDC]
[VDC]
[A]
[%]
[µF]
RPA100H-11012SRUW(4)
16.5-140
12
8.5
90
2200
RPA100H-11015SRUW(4)
16.5-140
15
6.7
93
2200
RPA100H-11024SRUW(4)
16.5-140
24
4.2
88
1000
RPA100H-11048SRUW(4)
16.5-140
48
2.1
90
100
Ordering Examples
RPA100H-11012SRUW/P = 110V Input, 12V Output, Single, Pos. CTRL function
RPA100H-11012SRUW/N = 110V Input, 12V Output, Single, Neg. CTRL function
Model Numbering
Input Voltage
Output Voltage
Single
RPA100H-__ __ SRUW/_
Notes:
Note4: add suffix “P” for positive logic (1=ON, 0=OFF) or add
suffix “N” instead for negative logic (0=ON, 1=OFF)
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Internal Input Filter
Pi-Type
Input Voltage Range
16.5VDC
110VDC
140VDC
Input Surge Voltage
<1s
156VDC
Under Voltage Lockout (UVLO) (5)
DC-DC ON
DC-DC OFF
15.6VDC
13.6VDC
16.0VDC
14.0VDC
16.4VDC
14.4VDC
Over Voltage Lockout (OVLO)
DC-DC ON
DC-DC OFF
142VDC
154VDC
146VDC
156VDC
150VDC
160VDC
Input Current Range
Vin = 16.5V
7A
7.2A
7.5A
continued on next page
Specifications (measured @ Ta = 25°C, nom. Vin (110V), full load and after warm-up unless otherwise stated)
CTRL Logic (4)
Railway Ultra Wide Input
Notes:
Note1: Refer to input voltage graph on page PB-3
Note2: Efficiency is tested at nominal input (110V) and full load at +25°C ambient
Note3: Max. Cap Load is tested at nominal input and full resistive load
UL60950-1 certified
CAN/CSA No. 60950-1-07
IEC/EN60950-1 certified
EN50155 compliant
CB report
Notes:
Note5: please refer to Under Voltage Lockout Adjustability on page PB-3


Similar Part No. - RPA100H-RUW_18

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPA100H-RUW RECOM-RPA100H-RUW Datasheet
811Kb / 10P
100 Watt Half Brick Single Output
More results

Similar Description - RPA100H-RUW_18

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
VKA100XS CANDD-VKA100XS Datasheet
463Kb / 4P
100 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
IHB100S4803C MURATA-PS-IHB100S4803C Datasheet
148Kb / 4P
100 Watt Single Output Half Brick DC/DC Converter
VKA60LS03C MURATA-PS-VKA60LS03C Datasheet
219Kb / 4P
60 Watt Single Output Half Brick
logo
Recom International Pow...
RPA100H-RUW RECOM-RPA100H-RUW Datasheet
811Kb / 10P
100 Watt Half Brick Single Output
RPA200H-RUW RECOM-RPA200H-RUW Datasheet
2Mb / 10P
200 Watt Half Brick Single Output
RPA200H-RUW RECOM-RPA200H-RUW_18 Datasheet
2Mb / 11P
200 Watt Half Brick Single Output
logo
DATEL, Inc.
HBR113S12-8.3 DATEL-HBR113S12-8.3 Datasheet
132Kb / 1P
Half-Brick, Railway 100-Watt, 12 Volts Output
HBR113S15-6.7 DATEL-HBR113S15-6.7 Datasheet
132Kb / 1P
Half-Brick, Railway 100-Watt, 15 Volts Output
HBR113S24-4.17 DATEL-HBR113S24-4.17 Datasheet
132Kb / 1P
Half-Brick, Railway 100-Watt, 24 Volts Output
HBR113S48-2.08 DATEL-HBR113S48-2.08 Datasheet
132Kb / 1P
Half-Brick, Railway 100-Watt, 28 Volts Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com