Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPA100H-RUW Datasheet(PDF) 11 Page - Recom International Power

Part # RPA100H-RUW
Description  100 Watt Half Brick Single Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPA100H-RUW Datasheet(HTML) 11 Page - Recom International Power

Back Button RPA100H-RUW_18 Datasheet HTML 3Page - Recom International Power RPA100H-RUW_18 Datasheet HTML 4Page - Recom International Power RPA100H-RUW_18 Datasheet HTML 5Page - Recom International Power RPA100H-RUW_18 Datasheet HTML 6Page - Recom International Power RPA100H-RUW_18 Datasheet HTML 7Page - Recom International Power RPA100H-RUW_18 Datasheet HTML 8Page - Recom International Power RPA100H-RUW_18 Datasheet HTML 9Page - Recom International Power RPA100H-RUW_18 Datasheet HTML 10Page - Recom International Power RPA100H-RUW_18 Datasheet HTML 11Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
www.recom-power.com
REV.: 1/2018
PB-11
DC/DC Converter
Specifications (measured @ Ta = 25°C, nom. Vin (110V), full load and after warm-up unless otherwise stated)
RPA100H-RUW
Series
The product information and specifications may be subject to changes even without prior written notice.The product has been designed for various applications; its suitability lies in the responsibility of each customer. The
products are not authorized for use in safety-critical applications without RECOM’s explicit written consent. A safety-critical application is an application where a failure may reasonably be expected to endanger or cause
loss of life, inflict bodily harm or damage property. The applicant shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized
use of RECOM products in such safety-critical applications.
PACKAGING INFORMATION
Parameter
Type
Value
Packaging Dimensions (LxWxH)
tube
355.0 x 63.5 x 20.6mm
Packaging Quantity
5pcs
Storage Temperature Range
-55°C to +125°C
Storage Humidity
95% RH
Dimension Drawing (mm)
60.60
1
6
7
8
9
10
2
3
4
5
48.30
Bottom View
5
4
3
2
1
6
7
8
9
10
Top View
M3
1.0+0.15/-0.05
Ø
2.0+0.15/-0.05
Ø
2.54
FC 48.30
30.3
tc
Pin Connections
Pin #
Single
1
+Vin
2
UVLO
3
CTRL
4
Ext. Cap.
5
-Vin
6
-Vout
7
-Sense
8
Trim
9
+Sense
10
+Vout
XX.X ± 0.5mm
XX.XX ± 0.25mm
FC= fixing center
Recommended Footprint Details



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com