Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5621 Datasheet(PDF) 9 Page - Clare, Inc.

Part # CPC5621
Description  LITELINK III Phone Line Interface IC (DAA)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5621 Datasheet(HTML) 9 Page - Clare, Inc.

Back Button CPC5621 Datasheet HTML 5Page - Clare, Inc. CPC5621 Datasheet HTML 6Page - Clare, Inc. CPC5621 Datasheet HTML 7Page - Clare, Inc. CPC5621 Datasheet HTML 8Page - Clare, Inc. CPC5621 Datasheet HTML 9Page - Clare, Inc. CPC5621 Datasheet HTML 10Page - Clare, Inc. CPC5621 Datasheet HTML 11Page - Clare, Inc. CPC5621 Datasheet HTML 12Page - Clare, Inc. CPC5621 Datasheet HTML 13Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
CPC5620/CPC5621
Rev. 0.E
www.clare.com
9
2.2.1 Reactive Termination Application Circuit Part List
Quantity
Reference Designator
Description
Supplier
1C1
1
µF, 16 V, ±10%
Panasonic, AVX, Novacap, Murata,
SMEC, etc.
5
C2, C4, C9, C13, C14
0.1
µF, 16 V, ±10%
2
C7, C81
220 pF, 2 kV, ±5%
2
C10, C151
0.01
µF, 500 V, ±10%
1
C12
0.027
µF, 16 V, ±10%
1C16
10
µF, 16 V, ±10%
1
C20
0.68
µF, 16 V, ±10%
1
C21
100 pF, 16 V, 10%
1
R1
80.6 k
Ω, 1/16 W, ±1%
Panasonic, Electro Films, FMI, Vishay,
etc.
1
R2
130 k
Ω, 1/16 W, ±1%
1
R3
1.5 M
Ω, 1/16 W, ±1%
1
R4
68.1
Ω, 1/16 W, ±1%
1
R5
60.4 k
Ω, 1/16 W, ±1%
4
R6, R7, R44, R451
1.8 M
Ω, 1/10 W, ±1%
1
R8
200 k
Ω, 1/16 W, ±1%
1R10
59
Ω, 1/16 W, ±1%
1
R11
169
Ω, 1/16 W, ±1%
1
R12
221 k
Ω, 1/16 W, ±1%
1R13
1 M
Ω, 1/16 W, ±1%
1R14
47
Ω, 1/16 W, ±5%
1
R15
1.69 M
Ω, 1/16 W, ±1%
1R16
22.1
Ω, 1/16 W, ±1%
1R18
10 k
Ω, 1/16 W, ±1%
1R20
2
Ω, 1/16 W, ±5%
1
R21
6.2 M
Ω, 1/16 W, ±1%
1
R22
6.8 M
Ω, 1/16 W, ±1%
1R23
10
Ω, 1/16 W, ±5%, or 220 µH inductor
1
R75
110 k
Ω, 1/16 W, ±1%
1
R76
200 k
Ω, 1/16 W, ±1%
1
FB1
600
Ω, 200 mA ferrite bead
Murata BLM11A601S or similar
1
DB1
SIZB60 bridge rectifier
Shindengen, Diodes, Inc.
1
SP1
350 V, 100 A, P3100SB Sidactor
Teccor, ST Microelectronics, TI
1
Q1
CPC5602 FET
Clare
1
U1
CPC5620 LITELINK
1Through-hole components offer significant cost savings over SMT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com