Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5621 Datasheet(PDF) 18 Page - Clare, Inc.

Part # CPC5621
Description  LITELINK III Phone Line Interface IC (DAA)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5621 Datasheet(HTML) 18 Page - Clare, Inc.

Back Button CPC5621 Datasheet HTML 10Page - Clare, Inc. CPC5621 Datasheet HTML 11Page - Clare, Inc. CPC5621 Datasheet HTML 12Page - Clare, Inc. CPC5621 Datasheet HTML 13Page - Clare, Inc. CPC5621 Datasheet HTML 14Page - Clare, Inc. CPC5621 Datasheet HTML 15Page - Clare, Inc. CPC5621 Datasheet HTML 16Page - Clare, Inc. CPC5621 Datasheet HTML 17Page - Clare, Inc. CPC5621 Datasheet HTML 18Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
7.2 Tape and Reel Packaging
Figure 19. Tape and Reel Dimensions
7.3 Soldering
7.3.1 Moisture Reflow Sensitivity
Clare has characterized the moisture reflow sensitivity
of LITELINK using IPC/JEDEC standard J-STD-020A.
Moisture uptake from atmospheric humidity occurs by
diffusion. During the solder reflow process, in which
the component is attached to the PCB, the whole body
of the component is exposed to high process tempera-
tures. The combination of moisture uptake and high
reflow soldering temperatures may lead to moisture
induced delamination and cracking of the component.
To prevent this, this component must be handled in
accordance with IPC/JEDEC standard J-STD-020A
per the labeled moisture sensitivity level (MSL), level
6.
7.3.2 Reflow Profile
The maximum ramp rates, dwell times, and tempera-
tures of the assembly reflow profile should not exceed
those specified in IPC/JEDEC standard J-STD-020A,
which were used to determine the moisture sensitivity
level of this component.
7.4 Washing
Clare does not recommend ultrasonic cleaning of
LITELINK.
Dimensions
mm
(inches)
330.2 DIA.
(13.00)
Top Cover
Tape Thickness
.102 MAX.
(.004)
12.090
(.476)
Embossed Carrier
Embossment
6.731 MAX.
(.265)
.406 MAX.
(.016)
Top Cover
Tape
3.20
(.126)
2.70
(.106)
7.493 ± .102
(.295 ± .004)
1.753 ± .102
(.069 ± .004)
2.007 ± .102
(.079 ± .004)
1.498 ±.102
(.059 ± .004)
3.987 ± .102
(.157 ±.004)
Feed Direction
11.989 ± .102
(.472 ± .004)
10.897 ± .025
(.429 ± .001)
1.549 ± .102
(.061 ± .004)
10.693 ± .025
(.421 ± .001)
16.002 ± .305
(.630 ± .012)
.050R TYP.
For additional information please visit www.clare.com
Clare, Inc. makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make
changes to specifications and product descriptions at any time without notice. Neither circuit patent licenses or indemnity are expressed or implied. Except as set
forth in Clare’s Standard Terms and Conditions of Sale, Clare, Inc. assumes no liability whatsoever, and disclaims any express or implied warranty relating to its
products, including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right.
The products described in this document are not designed, intended, authorized, or warranted for use as components in systems intended for surgical implant into
the body, or in other applications intended to support or sustain life, or where malfunction of Clare’s product may result in direct physical harm, injury, or death to a
person or severe property or environmental damage. Clare, Inc. reserves the right to discontinue or make changes to its products at any time without notice.
Specification: DS-CPC5620/CPC5621-R0.E
Copyright © 2002, Clare, Inc.
LITELINK™ is a trademark of Clare, Inc.
All rights reserved. Printed in USA.
5/14/2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com