Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5621 Datasheet(PDF) 10 Page - Clare, Inc.

Part # CPC5621
Description  LITELINK III Phone Line Interface IC (DAA)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5621 Datasheet(HTML) 10 Page - Clare, Inc.

Back Button CPC5621 Datasheet HTML 6Page - Clare, Inc. CPC5621 Datasheet HTML 7Page - Clare, Inc. CPC5621 Datasheet HTML 8Page - Clare, Inc. CPC5621 Datasheet HTML 9Page - Clare, Inc. CPC5621 Datasheet HTML 10Page - Clare, Inc. CPC5621 Datasheet HTML 11Page - Clare, Inc. CPC5621 Datasheet HTML 12Page - Clare, Inc. CPC5621 Datasheet HTML 13Page - Clare, Inc. CPC5621 Datasheet HTML 14Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
CPC5620/CPC5621
10
www.clare.com
Rev. 0.E
3. Using LITELINK
As a full-featured telephone line interface, LITELINK
performs the following functions:
• DC termination
• AC impedance control
• V/I slope control
• 2-wire to 4-wire conversion (hybrid)
• Current limiting
• Ring signal reception
• Caller ID signal reception
• Switch hook
LITELINK can accommodate specific application fea-
tures without sacrificing basic functionality and perfor-
mance. Application features include, but are not
limited to:
• High transmit power operation
• Pulse dialing
• Ground start
• Loop start
• Parallel telephone off-hook detection (911 feature)
• Battery reversal detection
• Line presence detection
• World-wide programmable operation
This section of the data sheet describes LITELINK
operation in standard configuration for usual opera-
tion. Clare offers additional application information on-
line (see Section 5 on page 14). These include informa-
tion on the following topics:
• Circuit isolation considerations
• Optimizing LITELINK performance
• Data Access Arrangement architecture
• LITELINK circuit descriptions
• Surge protection
• EMI considerations
Other specific application materials are also refer-
enced in this section as appropriate.
3.1 Switch Hook Control (On-hook
and Off-hook States)
LITELINK operates in one of two conditions, on-hook
and off-hook. In the on-hook condition the telephone
line is available for calls. In the off-hook condition the
telephone line is engaged. Use the OH control input to
place LITELINK in one of these two states. With OH
high, LITELINK is on-hook and ready to make or
receive a call. The snoop circuit is enabled. Assert OH
low to place LITELINK in the off-hook state. In the off-
hook state, loop current flows through LITELINK and
the system is answering or placing a call.
3.2 On-hook Operation
The LITELINK application circuit leakage current is
less than 10
µA with 100 V across ring and tip, equiva-
lent to greater than 10 M
Ω on-hook resistance.
3.2.1 Ring Signal Reception via the Snoop
Circuit
In the on-hook state (OH and CID not asserted), an
internal multiplexer turns on the snoop circuit. This cir-
cuit monitors the telephone line for two conditions; an
incoming ring signal, and caller ID data bursts.
Refer to the application schematic diagram (see Figure
3 on page 6). C7 (CSNP-) and C8 (CSNP+) provide a
high-voltage isolation barrier between the telephone
line and SNP- and SNP+ on the LITELINK while cou-
pling AC signals to the snoop amplifier. The snoop cir-
cuit “snoops” the telephone line continuously while
drawing no current. In the LITELINK, ringing signals
are compared to a threshold. The comparator output
forms the RING signal output from LITELINK. This sig-
nal must be qualified by the host system as a valid
ringing signal. A low level on RING indicates that the
LITELINK ring signal threshold has been exceeded.
For the CPC5620 (with the half-wave ring detector),
the frequency of the RING output follows the fre-
quency of the ringing signal from the central office
(CO), typically 20 Hz. The RING output of the
CPC5621 (with the full-wave ring detector) is twice the
ringing signal frequency.
Hysteresis is employed in the LITELINK ring detector
circuit to provide noise immunity. The setup of the ring
detector comparator causes RING output pulses to
remain low for most of the ringing signal half-cycle.
The RING output returns high for the entire negative
half-cycle of the ringing signal for the CPC5620. For
the CPC5621, the RING output returns high for a short
period near the zero-crossing of the ringing signal
before returning low during the positive half-cycle. For
both the CPC5620 and CPC5621, the RING output
remains high between ringing signal bursts.
The ring detection threshold depends on the values of
R3 (RSNPD), R6 (RSNP-), R7 (RSNP+), C7 (CSNP-), and
C8 (CSNP+). The values for these components shown
in the typical application circuits are recommended for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com